Electronic Components Datasheet Search
  English  ▼

X  

ADC082S101 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC082S101
Description  2 Channel, 1 MSPS, 8-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S101 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC082S101 Datasheet HTML 1Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 2Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 3Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 4Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to V
A
Clock Frequency
0.8 MHz to 16 MHz
Analog Input Voltage
0V to V
A
Package Thermal Resistance
Package
θ
JA
8-lead MSOP
250˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging.(Note 6)
ADC082S101 Converter Electrical Characteristics (Note 9)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 kSPS to 1
MSPS, C
L = 50 pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
INL
Integral Non-Linearity
±0.13
±0.4
LSB (max)
DNL
Differential Non-Linearity
±0.10
±0.4
LSB (max)
V
OFF
Offset Error
+0.53
±0.7
LSB (max)
OEM
Channel to Channel Offset Error Match
0.005
±0.3
LSB (max)
FSE
Full-Scale Error
0.52
±0.7
LSB (max)
FSEM
Channel to Channel Full-Scale Error
Match
0.005
±0.3
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7V to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
49.6
49.1
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7V to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
49.6
49.2
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7V to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
−75
−62
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A = +2.7V to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
67
63
dB (min)
ENOB
Effective Number of Bits
V
A = +2.7V to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
7.9
7.9
Bits (min)
Channel-to-Channel Crosstalk
V
A = +5.25V
f
IN = 40.3 kHz
−73
dB
IMD
Intermodulation Distortion, Second Order
Terms
V
A = +5.25V
f
a = 40.161 kHz, fb = 41.015 kHz
−78
dB
Intermodulation Distortion, Third Order
Terms
V
A = +5.25V
f
a = 40.161 kHz, fb = 41.015 kHz
−73
dB
FPBW
-3 dB Full Power Bandwidth
V
A = +5V
11
MHz
V
A = +3V
8
MHz
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com