Electronic Components Datasheet Search
  English  ▼

X  

COM630-B Datasheet(PDF) 2 Page - DFI Inc

Part # COM630-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM630-B Datasheet(HTML) 2 Page - DFI Inc

  COM630-B Datasheet HTML 1Page - DFI Inc COM630-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AUDIO FEATURES
• Realtek ALC262 audio codec (ALC655*)
• 6-channel audio output
SERIAL ATA FEATURES
• SATA speed up to 3Gb/s
• Four SATA ports
IDE FEATURES
• Supports up to Ultra ATA 100
• One IDE channel supports up to 2 IDE devices
BIOS FEATURES*
• FWH/LPC interface
• Supports up to 4Mbit flash ROM
• PLCC32 socket
• Supports WP# jumper
• Carrier board ROM enable/disable function supported
I/O CHIP 1 FEATURES
• Winbond 83627HG-AW controller
• LPC interface
• Supports Smart fan
• Default I/O port address "2eh"
I/O CHIP 2 FEATURES
• Fintek F81216D controller
• LPC interface
• Supports 4 COM ports
• Supports IrDA
• Watchdog timer function
• Default I/O port address "4eh"
EXPANSION SLOTS
• 1 CompactFlash socket
• 1 PCI Express x16 (Graphics or Dual SDVO)
• 2 PCI Express x1
• 4 PCI slots (PCI 2.3, 32-bit, 33MHz)
REAR PANEL I/O PORTS
• 1 mini-DIN-6 PS/2 mouse port
• 1 mini-DIN-6 PS/2 keyboard port
• 3 DB-9 serial ports
• 1 DB-15 VGA port
• 1 RJ45 LAN port
• 4 USB 2.0/1.1 ports
• Mic-in, line-in and line-out
I/O CONNECTORS
• 2 connectors for 4 additional external USB 2.0/1.1 ports
• 1 connector for an external serial port
• 1 LVDS LCD panel connector
• 1 LCD/inverter power connector
• 1 Digital I/O connector
• 1 Digital I/O power connector
• 1 front audio connector for line-out and mic-in jacks
• 1 CD-in internal audio connector
• 1 S/PDIF-in/out connector
• 1 GPIO connector
• 1 connector for IrDA interface
• 4 Serial ATA connectors
• 1 40-pin IDE connector
• 1 FDD connector
• 1 parallel connector*
• 1 24-pin ATX power connector
• 1 4-pin 12V power connector
• 1 Wake-On-Ring connector
• 1 chassis open connector
• 1 front panel connector
• 3 fan connectors
• 1 diagnostic LED*
DAMAGE FREE INTELLIGENCE
• Monitors system temperature and overheat alarm
• Monitors system fan speed and failure alarm
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• Operating: 10% to 90%
COM EXPRESS CONNECTORS
• Two 220-pin COM Express standard connectors
• Module connector pin: Tyco 3-631849-6
Dimensions
• Dimensions
- ATX form factor
- 305mm (12") x 244mm (9.6")
• Compliance
- PICMG COM Express® R1.0, Type 2
CERTIFICATION
• CE
• FCC Class B
• UL
• RoHS
COM Express Carrier Board
Specifications
COM630-B
Packing List
Optional Items
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 11, 2016 DFI Inc.
• 1 COM630-B board
• 1 USB port cable
• 1 Serial ATA data cable
• 1 Serial ATA power cable
• 1 IDE cable
• 1 FDD cable
• 1 I/O shield
• Serial ATA data cable
• IDE cable
• USB port cable
• I/O shield
• Serial ATA power cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com