Electronic Components Datasheet Search
  English  ▼

X  

COM630-B Datasheet(PDF) 1 Page - DFI Inc

Part # COM630-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM630-B Datasheet(HTML) 1 Page - DFI Inc

  COM630-B Datasheet HTML 1Page - DFI Inc COM630-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
COM630-B
COM Express Carrier Board
Features
EXPANSION
1 PCIe x16, 2 PCIe x1, 4 PCI
DISPLAY OUTPUTS 1 VGA, 1 LVDS
LAN
1 LAN
COM
4 COM
USB
8 USB 2.0
PARALLEL
1 Parallel
STORAGE
4 SATA 2.0
1 CF
1 IDE
1 FDD
DIO
8-bit DIO
DIMENSIONS
305mm x 244mm (12" x 9.6")
Giga LAN
USB 8x
LVDS
USB2.0
LVDS Bus
I/O Controller
Connector
Row
A+B
LPC Bus
Super I/O
TYPE 2
COM 4x
PS/2 Keyboard
FAN Connector
PS/2 Mouse
FDD
Audio Codec
VGA
MSIC Logic
Connector
Row
C+D
TYPE 2
IDE
SATA 4x
PCIe
PCI 5x
PCIe x1 Port 1-2
LPC Bus
COM630
0.00
10.16
22.86
49.80
166.80
227.33
93.98
154.94
227.33
154.94
125.80
196.80
COM 4
COM 1
USB 3
PS/2 Mouse
PS/2 K/B
LAN
USB 2
Mic-in
Line-in
Line-out
DIO
PCI 1
PCIe x1
PCI 3
PCI 4
USB 4-7
Front
panel
CompactFlash socket
PCI 2
LVDS LCD Panel
IDE
ATX power
SATA 0-1
PCIe x1
VGA
COM 2
USB 0-1
Parallel
FDD
Basic
Compact
SATA 2-3
COM 3
PCIe x16
COM Express
connector
COM Express
connector
Supports Compact and Basic modules


Similar Part No. - COM630-B

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
COM6-2600 MOBILEMARK-COM6-2600 Datasheet
283Kb / 1P
Heavy Duty Mobile Antennas LTE/WiMAX 2.5 & 3.5 GHz
9/2018
logo
Aims Power
COM6IN-120A AIMSPOWER-COM6IN-120A Datasheet
3Mb / 10P
AIMS Power Solar Array Combiner Box
COM6IN-120AO AIMSPOWER-COM6IN-120AO Datasheet
3Mb / 10P
AIMS Power Solar Array Combiner Box
More results

Similar Description - COM630-B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
COM Express Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com