Electronic Components Datasheet Search
  English  ▼

X  

BT968 Datasheet(PDF) 2 Page - DFI Inc

Part # BT968
Description  Intel AtomTM E3800 Series COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BT968 Datasheet(HTML) 2 Page - DFI Inc

  BT968 Datasheet HTML 1Page - DFI Inc BT968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROCESSOR
• Intel® AtomTM/Intel® Celeron® processors
• BGA 1170 packaging technology
• 22nm process technology
Please refer to the Ordering Information below
SYSTEM MEMORY
• Two 204-pin DDR3L SODIMM sockets (-E45/-E27/-E26/-J00/-N30)
- Supports up to 8GB system memory
- dual channel memory interface
One 204-pin DDR3L SODIMM sockets (-E15)
- Supports up to 4GB system memory
- single channel memory interface
• Supports DDR3L 1333MHz (-E45/-E27/-J00/-N30)
Supports DDR3L 1066MHz (-E26/-E15)
• DRAM device technologies: 1Gb, 2Gb and 4Gb DDR3L DRAM
technologies are supported for x8 and x16 devices, unbuffered, non-ECC
ONBOARD GRAPHICS FEATURES
• Intel® HD Graphics
• Supports VGA, DDI, LVDS (default) or DDI* interfaces
• Supports 2 display interfaces at the same time
• VGA: 24-bit, resolution up to 1920x1200 @ 60Hz
• LVDS: NXP PTN3460, 24-bit, dual channel, resolution up to 1920x1200 @ 60Hz
• Digital Display Interface: HDMI, DVI and DP
• HDMI, DVI: resolution up to 1920x1080 @ 60Hz
• DP: resolution up to 2560x1600 @ 60Hz
• Supports hardware acceleration for DirectX 11, OCL 1.2, OGL 3.2, H.264,
MPEG2, MVC, VC-1, WMV9 and VP8
ONBOARD AUDIO FEATURES
• Supports High Definition Audio interface
ONBOARD LAN FEATURES
• Intel® I210AT Gigabit Ethernet Controller
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA (SATA) INTERFACE
• Supports 2 Serial ATA interfaces
• SATA 2.0 with data transfer rate up to 3Gb/s
• Integrated Advanced Host Controller Interface (AHCI) controller
EXPANSION INTERFACES
• Supports 1 USB 3.0 interfaces
• Supports 8 USB 2.0 interfaces
- 4 integrated USB 2.0 interfaces
- 1 USB HSIC for 4 USB 2.0 interfaces
• Supports 3 PCIe x1 (default); or 1 PCIe x4 (PCIe port 3, by default, is shared
with the onboard LAN)*
• Supports LPC interfaces
• Supports I2C interfaces
• Supports SMBus interfaces
• Supports 2 serial interfaces (TX/RX)
• Supports 8-bit Digital I/O
eMMC*
• Supports 4GB, 8GB, 16GB and 32GB eMMC onboard
• Supports Windows 8.1 only
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
DAMAGE FREE INTELLIGENCE
• Monitors CPU temperature
• Monitors Vcore/Vgfx/VDDR/1V0/VBAT voltages
• Monitors CPU/system fan speed
• Watchdog timer function
BIOS
• AMI BIOS
- 64Mbit SPI BIOS
WATCHDOG TIMER
• Watchdog timeout programmable via software from 1 to 255 seconds
POWER CONSUMPTION
• BT968-TS0-E45: 15.88W with E3845 at 1.91GHz and 2x 4GB DDR3L SODIMM
OS SUPPORT
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
• Windows 8 Enterprise x86 (32-bit)
• Windows 8 Enterprise x64 (64-bit)
• Windows 8.1 Enterprise x86 (32-bit)
• Windows 8.1 Enterprise x64 (64-bit)
• Windows 10 Enterprise x86 (32-bit)
• Windows 10 Enterprise x64 (64-bit)
TEMPERATURE
• Operating
: 0oC to 60oC - Atom, Celeron (Fanless)
: -20oC to 70oC - Atom (Fanless with air flow)
: -40oC to 85oC - Atom (Fanless with air flow)
• Storage: -40oC to 85oC
HUMIDITY
• 5% to 90%
MTBF
• 777,906 hrs @ 25°C; 394,833 hrs @ 45°C
• Calculation model: Telcordia Issue 2, Method I Case 3
• Environment: GB, GC – Ground Benign, Controlled
POWER INPUT
• 12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
PCB
• Dimensions
- COM Express® Compact
- 95mm (3.74") x 95mm (3.74")
• Compliance
- PICMG COM Express® R2.1, Type 6
CERTIFICATE
• CE, FCC Class B, RoHS
Intel® AtomTM E3800 Series
COM Express® Compact
Specifications
BT968
Packing List
Optional Items
Ordering Information
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com
Model Name
Temperature
Memory
eMMC
Processor
BT968
-
B
S
0
-
E45
B: 0oC to 60oC
E: -20oC to 70oC
T: -40oC to 85oC
S: Socket
0: None
4: 4GB
8: 8GB
1: 16GB
3: 32GB
E45: Intel® AtomTM E3845, Quad Core, 2M Cache, 1.91GHz, 10W
E27: Intel® AtomTM E3827, Dual Core, 1M Cache, 1.75GHz, 8W
E26: Intel® AtomTM E3826, Dual Core, 1M Cache, 1.46GHz, 7W
E15: Intel® AtomTM E3815, Single Core, 0.5M Cache, 1.46GHz, 5W
J00: Intel® Celeron® J1900, Quad Core, 2M Cache, 2GHz (2.41GHz), 10W
N30: Intel® Celeron® N2930, Quad Core, 2M Cache, 1.83GHz (2.16GHz), 7.5W
• 1 BT968 board
• 1 Heat spreader: A71-011039-000G
• COM331-B carrier board kit: 770-COM331-000G
• Heat sink: A71-011054-000G
• Heat spreader with heat sink and fan: 761-BT9681-000G
The following specifications will be available upon request. Please contact your sales representative for more information.
Model Name
Processor
Memory
eMMC
Power
Thermal Temperature
BT968-BS0-N30 Intel® Celeron® N2930, Quad Core, 2M Cache, 1.83GHz (2.16GHz), 7.5W 2 SODIMM
None
ATX/AT
Fanless
0oC to 60oC
BT968-BS0-J00 Intel® Celeron® J1900, Quad Core, 2M Cache, 2GHz (2.41GHz), 10W
2 SODIMM
None
ATX/AT
Fanless
0oC to 60oC
BT968-TS4-E15 Intel® AtomTM E3815, Single Core, 0.5M Cache, 1.46GHz, 5W
1 SODIMM
4GB
ATX/AT
Fanless
-40oC to 85oC
BT968-TS0-E27 Intel® AtomTM E3827, Dual Core, 1M Cache, 1.75GHz, 8W
2 SODIMM
None
ATX/AT
Fanless
-40oC to 85oC
BT968-TS8-E27 Intel® AtomTM E3827, Dual Core, 1M Cache, 1.75GHz, 8W
2 SODIMM
8GB
ATX/AT
Fanless
-40oC to 85oC
BT968-TS0-E45 Intel® AtomTM E3845, Quad Core, 2M Cache, 1.91GHz, 10W
2 SODIMM
None
ATX/AT
Fanless
-40oC to 85oC
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © Deccember 10, 2019 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com