Electronic Components Datasheet Search
  English  ▼

X  

BT968 Datasheet(PDF) 1 Page - DFI Inc

Part # BT968
Description  Intel AtomTM E3800 Series COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BT968 Datasheet(HTML) 1 Page - DFI Inc

  BT968 Datasheet HTML 1Page - DFI Inc BT968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
BT968
Intel® AtomTM E3800 Series
COM Express® Compact
Features
BOTTOM
TOP
CPU Fan
DDR3L
SODIMM
Intel Atom
E3800 Series
DDR3L
SODIMM
DDI Port1
(to BTB DDI Port 2)
(co-lay with PTN3460)
EEPROM
USB 2.0 4x
SATA 2.0 2x
USB 3.0 Port 1
SMBus
Atom E3800 Series
/Celeron
eMMC
(Optional)
eMMC
Intel® GLAN
I210AT
PCIe GEN2 (3 x1 or 1 x4)
LAN
SPI Flash
SPI Bus
LVDS Ports (Dual Channel)
DDI Port 0 (to BTB DDI Port1)
DDR3L Memory
Slot 2x
DDR3
1066/1333MHz
Dual Channel
PCIe x1
VGA
USB4604
USB 2.0 4x
USB HSIC
HD Audio
LPC Bus
8-bit DIO
WDT
I2C Bus
TPM 1.2
SLB9635
(optional)
Serial Port 0,1
Fan PWM/
TACH_IN
IMVP7
SLP/LID
TCA6408A
DDI
Port 1
1:2 DP S/W
PI3VDP612A
Default
eDP (DDI) Port
eDP to LVDS
(PTN3460)
Embedded
Controller
IT8528
Bottom View
Top View
0.00
4.00
80.00
4.00
91.00
95.00
0.00
16.50
74.20
95.00
Heatspreader
Module PCB
Standoff
MEMORY
2 DDR3L SODIMM up to 8GB
(-E45/-E27/-E26/-J00/-N30)
1 DDR3L SODIMM up to 4GB
(-E15)
EXPANSION
3 PCIe x1
1 LPC, 1 SMBus, 1 I2C, 2 serial
1 VGA, 1 LVDS, 1 DDI (HDMI/DVI/DP)
1 HDA
9 USB: 1 USB 3.0, 8 USB 2.0
2 SATA 2.0
eMMC (optional)
8-bit DIO
LAN
1 LAN
DIMENSIONS
COM Express® R2.1 Compact, Type 6
95mm x 95mm (3.74" x 3.74")
USB 3.0
DDR3L
SATA 2.0
Wide
Temperature
-400C
850C
eMMC
Atom


Similar Part No. - BT968

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BT968 GSR-BT968 Datasheet
403Kb / 2P
Intel Atom® Processor E3800 Series, BGA 1170
More results

Similar Description - BT968

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM840 AXIOMTEK-CEM840 Datasheet
316Kb / 1P
Intel Atom E3800 Family COM Express Type 10 Mini Module
CEM846 AXIOMTEK-CEM846_17 Datasheet
285Kb / 1P
COM Express Type 10 Mini Module with Intel Atom E3800 Family
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
logo
DFI Inc
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
Intel Atom E3800 Series COM Express Mini
BT700 DFI-BT700 Datasheet
609Kb / 2P
Intel AtomTM E3800 Series AtomTM E3800 Series
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
HR908-B DFI-HR908-B Datasheet
1Mb / 2P
3rd/2nd Gen Intel Core COM Express Compact
HU968 DFI-HU968 Datasheet
1Mb / 2P
4th Gen Intel Core COM Express Compact
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
WL968 DFI-WL968 Datasheet
967Kb / 2P
8th Gen Intel Core Processor COM Express Compact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com