Electronic Components Datasheet Search
  English  ▼

X  

AL553 Datasheet(PDF) 2 Page - DFI Inc

Part # AL553
Description  Intel Atom Processor E3900 Series 3.5 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL553 Datasheet(HTML) 2 Page - DFI Inc

  AL553 Datasheet HTML 1Page - DFI Inc AL553 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 14, 2020 DFI Inc.
AL553
SYSTEM
Processor
Intel Atom® Processor E3900 Family, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Intel® Celeron® Processor J3455, Quad Core, 2M Cache, 1.5GHz (2.3GHz), 10W
Memory
One 204-pin SODIMM up to 8GB
Single Channel DDR3L 1866MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA
1 x LVDS
1 x HDMI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30Hz
Triple Displays
VGA + LVDS + HDMI
EXPANSION
Interface
1 x Full-size mini-PCIe (USB/PCIe) with SIM slot (option)
1 x M.2 B key 2242 (PCIe/USB 2.0/SATA 3.0)
1 x M.2 E key 2230 (USB/PCIe)
AUDIO
Audio Codec
Realtek ALC262
ETHERNET
Controller
2 x Intel® I211AT PCIe (10/100/1000Mbps)
2 x Intel® I210IT PCIe (10/100/1000Mbps) (available upon request)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
2 x USB 3.1 Gen1
2 x USB 2.0
Display
1 x VGA
1 x HDMI
1 x LVDS
INTERNAL I/O
Serial
1 x RS-232/422/485 (2.0mm pitch)
USB
2 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
Audio
1 x Audio (Line-out/Mic-in)
SATA
1 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM 2.0
fTPM2.0
POWER
Type
Wide Range 9~36V DC
Connector
Right Angle Connector (4-pin)
DC-in Jack (available upon request)
Vertical Type Connector (4-pin) (available upon request)
Consumption
Typical: 7W, Max : 24W.
RTC Battery
CR2032 Coin Cell
OS SUPPORT (UEFI Only)
Windows 10 IoT Enterprise (64-bit) Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -20 to 70°C, -40 to 85 °C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
618,325 hrs @ 25°C; 396,245 hrs @ 45°C ; 267,106 hrs @ 60°C
MECHANICAL
Dimensions
3.5" SBC Form Factor
146mm (5.75") x 102mm (4.02")
Height
PCB: 1.6mm
Top Side: 15.5mm, Bottom Side: 8.0mm
CERTIFICATIONS
CE, FCC Class B, RoHS
Model Name
P/N
Processor Memory Display
RS-232/422/485 GbE USB 3.1
Gen1
USB 2.0 Power Thermal Temp.
AL553-BN-E3950 770-AL5531-200G x7-E3950
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
0~60C
AL553-BN-E3940 770-AL5531-100G x5-E3940
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
0~60C
AL553-BN-E3930 770-AL5531-000G x5-E3930
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
0~60C
AL553-BN-N4200 770-AL5531-400G N4200
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
0~60C
AL553-BN-N3350 770-AL5531-300G N3350
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
0~60C
AL553-EN-E3950
770-AL5531-500G x7-E3950
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
-20~70C
AL553-TN-E3950
770-AL5531-600G x7-E3950
1 SODIMM VGA+LVDS+HDMI 1
2
2
4
9-36VDC Fanless
-40~85C
• 1 AL553 board
• COM port cable(Length: 250mm, 1x COM port) 332-753040-000G
• SATA data cable (Length : 500mm)
332-553001-205G
• SATA power cable (Length: 250mm)
A81-004041-016G
• Heat sink(Height: 35mm)
N series CPU A71-008119-000G
E series CPU A71-010038-010G
• COM cable (Length: 250mm, 1x COM )
332-753040-000G
• Power adapter (60W, 12V)
671-106012-000G
• Heatspreader for AL55x E-Serial CPU
A71-808312-000G
• Heatspreader for AL55x N-Serial CPU
A71-808313-000G
• Audio cable(Length: 160mm)
A81-022007-016G
• USB cable (Length: 200mm)
A81-001032-016G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com