Electronic Components Datasheet Search
  English  ▼

X  

AL553 Datasheet(PDF) 1 Page - DFI Inc

Part # AL553
Description  Intel Atom Processor E3900 Series 3.5 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL553 Datasheet(HTML) 1 Page - DFI Inc

  AL553 Datasheet HTML 1Page - DFI Inc AL553 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
13.03
18.98
25
39.14
90.14
102
27.95
Intel® Atom® Processor E3900 Series
3.5" SBC
Mechanical Drawing
Block Diagram
Features
AL553
DDR3L
Intel Atom®
Processor
E3900 Series
Super IO
with WDT
Digital I/O 8-bit
DDR3L 1866MHz
SODIMM
Channel A
M.2
(B-key 2242)
PCIe x1
USB 2.0
DDI
LPC Bus
PTN3355
DDI
VGA
SMBus
SMBus
SPI
PTN3460
DDI
LVDS
Full-size
Mini-PCIe
PCIe x1
USB 2.0
HDMI
USB3.1 Gen1/2.0 2x
USB 3.0
USB 2.0
USB2.0 4x
USB 2.0
I211AT
I211AT
PCIe x1
PCIe x1
HD Audio
(Line-out,
Mic-in)
RS-232/422/485 1x
I210IT (opt.)
I210IT (opt.)
PCIe x1
SATA 3.0
ASM1442
SIM
(opt.)
HDA
Realtek
ALC262
M.2
(E-key 2230)
USB 2.0
SATA 3.0
SATA
9~36V IN
4 Pin Power
Connector
9~36V IN
GLAN 1
GLAN 2
Atom
• 1 DDR3L SODIMM up to 8GB
• Three independent displays: VGA + LVDS + HDMI
• HDMI resolution up to 3840x2160 @ 30Hz
VGA resolution up to 1920x1200 @ 60Hz
LVDS resolution up to 1920x1200 @ 60Hz
• Multiple expansion: 1 M.2 B Key, 1 M.2 E Key, Mini PCIe
• Rich I/O: 2 Intel GbE, 1 COM, 2 USB 3.1 Gen1, 4 USB 2.0
Top View
Bottom View
LVDS LCD
Panel
SATA Power
LAN 1
USB 3.1
Gen1
LAN 2
VGA
SATA 3.0
Mini PCIe
HDMI
LCD/Inverter
Power
COM 1
DIO
DDR3L
SODIMM
Intel®
Atom®
Processor
Preliminary
USB 2.0
Mini PCIe
3 Displays
SATA 3.0
DC-in
9~36 V
M.2 2242
M.2 2230
Front Panel
USB 2.0
Front Audio
SIM Slot
(opt.)


Similar Part No. - AL553

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL55-3 ALTECH-AL55-3 Datasheet
66Kb / 1P
ALUMINUM ENCLOSURE AL 553
logo
DFI Inc
AL551 DFI-AL551 Datasheet
875Kb / 2P
Intel Atom® Processor E3900 Series 3.5"
AL551-BN-E3930 DFI-AL551-BN-E3930 Datasheet
875Kb / 2P
Intel Atom® Processor E3900 Series 3.5"
AL551-BN-E3940 DFI-AL551-BN-E3940 Datasheet
875Kb / 2P
Intel Atom® Processor E3900 Series 3.5"
AL551-BN-E3950 DFI-AL551-BN-E3950 Datasheet
875Kb / 2P
Intel Atom® Processor E3900 Series 3.5"
More results

Similar Description - AL553

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
logo
Advantech Co., Ltd.
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com