Electronic Components Datasheet Search
  English  ▼

X  

AL700 Datasheet(PDF) 2 Page - DFI Inc

Part # AL700
Description  Intel Atom Processor E3900 Series Qseven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL700 Datasheet(HTML) 2 Page - DFI Inc

  AL700 Datasheet HTML 1Page - DFI Inc AL700 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
4GB/8GB DDR3L Memory Down
Dual Channel DDR3L 1600MHz
BIOS
AMI SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics Gen9LP Series
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x DDI (HDMI/DVI/DP++)
1 x LVDS/(eDP+DDI) (DDI available upon
request)
LVDS: NXP PTN3460, 24-bit, dual channel, resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30 Hz
DP++: resolution up to 4096x2160@60Hz
eDP: resolution up to 3840x2160 @ 60Hz
Dual/Triple
Display
LVDS + DDI (Dual)
eDP + DDI (Dual)
eDP+2DDI (Triple) (available upon request)
EXPANSION
Interface
4 x PCIe x1 (Gen 2)
1 x SDIO (with LED)
1 x LPC
1 x I2C
1 x SMBus
1 x SPI
1 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I211AT (10/100/1000Mbps) (0~60°C)
1 x Intel® I210IT (10/100/1000Mbps) (-40 to 85°C)
I/O
USB
1 x USB 3.0 + 8 x USB 2.0
3 x USB 3.0 + 4 x USB 2.0 (option)
SATA
2 x SATA 3.0 (up to 6Gb/s)
eMMC
Supports up to 32GB eMMC
eMMC 5.0, BGA-153 Ball 8~32G(MLC mode)
GPIO
1 x 4-bit GPIO
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
FTPM
Enables or Disables the BIOS support for the security device
POWER
Type
5V, 5VSB, VCC_RTC
Consumption
Typical: E3940: 12V @ 0.53A (6.36W)
Max.: E3940: 12V @ 1.78A (21.36W)
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
1,020,531 hrs @ 25°C; 583,481 hrs @ 45°C; 364,855 hrs @ 60°C
Calculation model: Telcordia Issue 2
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Qseven form factor
70mm (2.76") x 70mm (2.76")
Compliance
Qseven specification revision 2.1
CERTIFICATIONS
CE, FCC Class B, RoHS
Intel Atom® Processor E3900 Series
Qseven
Specifications
AL700
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 19, 2020 DFI Inc.
• Qseven Carrier Board Q7X-151
770-Q7X153-000G
• Heat spreader
A71-808310-000G (E Serial)
A71-808311-000G (N Serial)
• Bracket
A31-028001-200G
• Heat sink
A71-008301-000G (N Series)
Ordering Information
Model Name
P/N
Processor Memory
eMMC
LVDS/eDP GbE
USB 3.0
USB 2.0
Power
Thermal
Temp.
AL700-T40-E40 770-AL7001-500G x5-E3940
4 GB
N/A
LVDS
1
1
8
ATX/AT
Fanless
-40 to 85oC
AL700-T40-E30 770-AL7001-600G x5-E3930
4 GB
N/A
LVDS
1
1
8
ATX/AT
Fanless
-40 to 85oC
AL700-B40-E50 770-AL7001-100G x7-E3950
4 GB
N/A
LVDS
1
1
8
ATX/AT
Fanless
0 to 60oC
Note: N4200 and N3350 are supported upon request with MOQ requirement.
• 1 AL700 board
• 1 Heat sink
A71-008302-000G (E Series)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com