Electronic Components Datasheet Search
  English  ▼

X  

AL700 Datasheet(PDF) 1 Page - DFI Inc

Part # AL700
Description  Intel Atom Processor E3900 Series Qseven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL700 Datasheet(HTML) 1 Page - DFI Inc

  AL700 Datasheet HTML 1Page - DFI Inc AL700 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
AL700
Intel Atom® Processor E3900 Series
Qseven
Features
Backup
EEPROM
eMMC
eDP Option
SATA 3.0 2x
SDIO (W/LED)
Intel® I211AT
Intel® I210IT
MDI
Channel A
DDI
HD Audio
LPC Bus
WDT
I2C Bus
Serial Port 1, 2
Fan PWM/
TACH IN
SLP/LID
PCIe x1 4x
2GB/4GB DDR3L
Memory Down
Channel B
MMC
2GB/4GB DDR3L
Memory Down
SMBus
eDP
PTN3460
LVDS
SPI Bus
SPI BIOS
Embedded
Controller
PCIe x1
Intel® Atom Processor
E3900 Series
USB 3.0 (P0&P1),
USB 2.0 (P4~P7) (Opt.)
USB 3.0 1x (P1), USB 2.0 8x (P0~P7)
USB 3.0 3x (P0~P2), USB 2.0 4x (P0~P3)
Wide
Temperature
-400C
850C
Atom
DDR3L
SATA 3.0
USB 3.0
• 4GB/8GB DDR3L Dual Channel Memory Down
• 1 DDI*, 1 LVDS*/(eDP + DDI)
• Supports triple displays: eDP+2DDI
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansions: 4 PCIe x1
• Rich I/O: 1 Intel GbE, 1 USB 3.0, 8 USB 2.0
BOTTOM
DDR3L
TOP
eMMC
* Populated by default
DDR3L
Intel Atom®
Processor E3900 Series
Bottom View
Top View


Similar Part No. - AL700

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL700 AVERLOGIC-AL700 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
AL700C-EVB-A1 AVERLOGIC-AL700C-EVB-A1 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
AL700C-PBF AVERLOGIC-AL700C-PBF Datasheet
91Kb / 11P
Color DUAL QUAD Splitter EVB User Manual
AL700C-SDK-A1 AVERLOGIC-AL700C-SDK-A1 Datasheet
347Kb / 2P
Sales Kit Quad Video Processor Device
More results

Similar Description - AL700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMQ-I2301 ETC2-EMQ-I2301 Datasheet
976Kb / 2P
Intel Atom E3800 series processor Qseven??CPU Module
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com