Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS259D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS259D
Description  SN74HCS259 8-Bit Addressable Latches with Schmitt-Trigger Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS259D Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS259D Datasheet HTML 1Page - Texas Instruments SN74HCS259D Datasheet HTML 2Page - Texas Instruments SN74HCS259D Datasheet HTML 3Page - Texas Instruments SN74HCS259D Datasheet HTML 4Page - Texas Instruments SN74HCS259D Datasheet HTML 5Page - Texas Instruments SN74HCS259D Datasheet HTML 6Page - Texas Instruments SN74HCS259D Datasheet HTML 7Page - Texas Instruments SN74HCS259D Datasheet HTML 8Page - Texas Instruments SN74HCS259D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
G
Q7
Q6
VCC
15
16
S1
S2
Q0
CLR
Q4
Q5
D
S0
Q2
Q3
Q1
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
SOIC or
TSSOP NO.
NAME
1
S0
I
Address select 0
2
S1
I
Address select 1
3
S2
I
Address select 2
4
Q0
O
Output 0
5
Q1
O
Output 1
6
Q2
O
Output 2
7
Q3
O
Output 3
8
GND
—
Ground
9
Q4
O
Output 4
10
Q5
O
Output 5
11
Q6
O
Output 6
12
Q7
O
Output 7
13
D
I
Data input
14
G
I
Enable, active low
15
CLR
O
Clear input, active low
16
VCC
—
Positive supply
www.ti.com
SN74HCS259
SCLS836 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com