Electronic Components Datasheet Search
  English  ▼

X  

TPS22976NDPUT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976NDPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976NDPUT Datasheet(HTML) 2 Page - Texas Instruments

  TPS22976NDPUT Datasheet HTML 1Page - Texas Instruments TPS22976NDPUT Datasheet HTML 2Page - Texas Instruments TPS22976NDPUT Datasheet HTML 3Page - Texas Instruments TPS22976NDPUT Datasheet HTML 4Page - Texas Instruments TPS22976NDPUT Datasheet HTML 5Page - Texas Instruments TPS22976NDPUT Datasheet HTML 6Page - Texas Instruments TPS22976NDPUT Datasheet HTML 7Page - Texas Instruments TPS22976NDPUT Datasheet HTML 8Page - Texas Instruments TPS22976NDPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TPS22976
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics—VBIAS = 5 V..................... 5
7.6
Electrical Characteristics—VBIAS = 2.5 V.................. 6
7.7
Switching Characteristics .......................................... 7
7.8
Typical DC Characteristics........................................ 8
7.9
Typical AC Characteristics ...................................... 11
8
Parameter Measurement Information ................ 14
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
9.2
Functional Block Diagram ....................................... 16
9.3
Feature Description................................................. 16
9.4
Device Functional Modes........................................ 17
10
Application and Implementation........................ 18
10.1
Application Information.......................................... 18
10.2
Typical Application ................................................ 20
11
Power Supply Recommendations ..................... 23
12
Layout................................................................... 23
12.1
Layout Guidelines ................................................. 23
12.2
Layout Example .................................................... 23
12.3
Power Dissipation ................................................. 23
13
Device and Documentation Support ................. 24
13.1
Device Support...................................................... 24
13.2
Documentation Support ........................................ 24
13.3
Receiving Notification of Documentation Updates 24
13.4
Community Resources.......................................... 24
13.5
Trademarks ........................................................... 24
13.6
Electrostatic Discharge Caution ............................ 24
13.7
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
Changes from Revision A (March 2017) to Revision B
Page
•
Updated VIH in Recommended Operating Conditions ............................................................................................................ 4
Changes from Original (February 2016) to Revision A
Page
•
Updated statement for Equation 4 in Adjustable Rise Time section from "CT = 0 pF" to "CT < 100 pF"............................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com