Electronic Components Datasheet Search
  English  ▼

X  

TPS22976NDPUT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976NDPUT
Description  TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22976NDPUT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS22976NDPUT Datasheet HTML 18Page - Texas Instruments TPS22976NDPUT Datasheet HTML 19Page - Texas Instruments TPS22976NDPUT Datasheet HTML 20Page - Texas Instruments TPS22976NDPUT Datasheet HTML 21Page - Texas Instruments TPS22976NDPUT Datasheet HTML 22Page - Texas Instruments TPS22976NDPUT Datasheet HTML 23Page - Texas Instruments TPS22976NDPUT Datasheet HTML 24Page - Texas Instruments TPS22976NDPUT Datasheet HTML 25Page - Texas Instruments TPS22976NDPUT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
TPS22976
SLVSDE7B – NOVEMBER 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
TYPICAL VALUES at 25°C, VBIAS = 5 V, 25 V X7R 10% CERAMIC CAP
10.2.2.2 Adjustable Rise Time
A capacitor to GND on the CT pins sets the slew rate for each channel. To ensure desired performance, a
capacitor with a minimum voltage rating of 25 V must be used on either CT pins. An approximate formula for the
relationship between CT and slew rate is shown in Equation 4.
Equation 4 accounts for 10% to 90% measurement on VOUT and does not apply for CT < 100 pF. Use Table 4 to
determine rise times for when CT = 0 pF):
SR = 0.42 × CT + 66
where
•
SR is the slew rate (in µs/V)
•
CT is the capacitance value on the CT pin (in pF)
•
The units for the constant 66 is in µs/V.
(4)
Rise time can be calculated by multiplying the input voltage by the slew rate. Table 4 shows rise time values
measured on a typical device. Rise times shown below are only valid for the power-up sequence where VIN and
VBIAS are already in steady state condition, and the ON pin is asserted high.
Table 4. Rise Time Values
CT (pF)
RISE TIME (µs) 10% - 90%, CL = 0.1 µF, CIN = 1 µF, RL = 10 Ω
(1)
5 V
3.3 V
1.8 V
1.5 V
1.2 V
1.05 V
0.6 V
0
149
112
77
70
60
56
42
220
548
388
236
206
173
154
103
470
968
673
401
342
289
256
169
1000
1768
1220
711
608
505
445
286
2200
3916
2678
1554
1332
1097
949
627
4700
8040
5477
3179
2691
2240
1964
1249
10000
16520
11150
6410
5401
4430
3933
2526
10.2.3 Application Curves
VBIAS = 5 V ; VIN = 3.3 V ; CL = 22 μF
Figure 40. Inrush Current With CT = 0 pF
Figure 41. Inrush Current With CT = 220 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com