Electronic Components Datasheet Search
  English  ▼

X  

BC68 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC68
Description  Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC68 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BC68 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC68 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BC68
Ultra-compact Multi-band
NB-IoT Module with
Ultra-low Power Consumption
BC68 is a high-performance NB-IoT module which supports multiple frequency bands of B1/B3/B8/B5/B20/B28 with
extremely low power consumption. The ultra-compact 17.7 mm × 15.8 mm × 2.0 mm form factor makes it a perfect choice
for size sensitive applications. Designed to be compatible with Quectel GSM/GPRS M66 module and NB-IoT BC66 module in
the compact and unified form factor, it provides a flexible and scalable platform for migrating from GSM/GPRS to NB-IoT
networks.
BC68 adopts surface mounted technology, making it an ideal solution for durable and rugged designs. The low profile and
small size of LCC package allow BC68 to be easily embedded into space-constrained applications and provide reliable
connectivity with the applications. This kind of package is ideally suited for large-scale manufacturing which has strict
requirements for cost and efficiency.
Due to compact form factor, ultra-low power consumption and extended temperature range, BC68 is the best choice for a
wide range of IoT applications, such as smart metering, bike sharing, smart parking, smart city, security and asset tracking,
home appliances, agricultural and environmental monitoring, etc. It is able to provide a complete range of SMS and data
transmission services to meet client-side demands.
Key
Benefits
Compact-sized multi-band NB-IoT module
Ultra-low power consumption
Super high sensitivity
LCC package to make it easy for large volume manufacturing
Compatible with Quectel GSM/GPRS M66 and NB-IoT BC66, easy
for future upgrading
Embedded with abundant Internet service protocols
Fast time-to-market:
Reference designs, evaluation tools and timely technical support
to minimize design-in time and development efforts
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
B1/B3/B8/B5/
B20/B28
LCC Package
Compact Size
Multiple Serial
Ports
Extended Temperature
Range: -40
°C to +85 °C
Embedded Internet
Services Protocols
Quectel Enhanced
AT Commands
Ultra-low Power
Consumption
Rev.: V1.8 | Status: Released
15.8 mm
2.0 mm
Multi-Band
NB-IoT


Similar Part No. - BC68

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BC68 QUECTEL-BC68 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC68-25PA NEXPERIA-BC68-25PA Datasheet
2Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
BC68-25PA-Q NEXPERIA-BC68-25PA-Q Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68-25PAS NEXPERIA-BC68-25PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
More results

Similar Description - BC68

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
Quectel Wireless Soluti...
BC66 QUECTEL-BC66 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BC92 QUECTEL-BC92 Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Ultra Low Consumption
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com