Electronic Components Datasheet Search
  English  ▼

X  

BC68 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC68
Description  Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC68 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BC68 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC68 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Bands
BC68:
B1 @ H-FDD: 2100 MHz
B3 @ H-FDD: 1800 MHz
B8 @ H-FDD: 900 MHz
B5 @ H-FDD: 850 MHz
B20 @ H-FDD: 800 MHz
B28 @ H-FDD: 700 MHz
Data
Data Transmission:
Single Tone:
DL: 25.2 kbps
UL: 15.625 kbps
Multi Tone:
DL: 25.2 kbps
UL: 54 kbps
Extended TBS/2 HARQ:
DL: 125 kbps
UL: 150 kbps
Protocol Stacks:
IPv4
IPv6
UDP
CoAP
LwM2M
Non-IP
DTLS
TCP
MQTT
Download Method:
UART
DFOTA
SMS
Point-to-point MO and MT
PDU Mode
Electrical Characteristics
Maximum Output Power:
23 dBm ±2 dB
Sensitivity:
-129 dBm ±1 dB
Power Consumption (Typical):
3 μA @ PSM
0.5 mA @ Idle Mode, DRX = 2.56 s, ECL0
LTE Cat NB1 Connectivity:
250 mA @ Radio Transmission, 23 dBm (B1/B3)
220 mA @ Radio Transmission, 23 dBm (B8/B5/
B20)
280 mA @ Radio Transmission, 23 dBm (B28)
130 mA @ Radio Transmission, 12 dBm (B1/B3/
B8/B5/B20/B28)
70 mA @ Radio Transmission, 0 dBm (B1/B3/B8/
B5/B20/B28)
60 mA @ Radio Reception
Enhanced Features
DFOTA: Delta Firmware Upgrade Over-The-Air
RAI: Release Assistance Indication
ECID: Enhanced Cell ID
OTDOA: Observed Time Difference of Arrival
eSIM*: Embedded SIM
Interfaces
USIM × 1: Supports 1.8/3.0 V USIM Card
UART × 2
ADC* × 1
RESET × 1
Antenna × 1
General Features
LCC Package
58 Pins
Supply Voltage Range:
3.1–4.2 V, typical 3.6 V
Temperature Range:
Operation: -35 °C to +75 °C
Extended: -40 °C to +85 °C
Dimension:
17.7 mm × 15.8 mm × 2.0 mm
Weight:
1.1 ±0.2 g
AT Command:
3GPP TS 27.007 V14.3.0 (2017-03) and Quectel
Enhanced AT Commands
Approvals
Carrier:
Vodafone (Europe)
Deutsche Telekom (Germany)
TIM (Italy)
Telefónica (Spain)
Altice-MEO (Portugal)
SoftBank (Japan)
Telstra (Australia)
Regulatory:
GCF (Global)
CE (Europe)
NCC (Taiwan, China)
JATE/TELEC (Japan)
RCM (Australia/New Zealand)
IMDA (Singapore)
Others:
RoHS Compliant
ATEX (Europe)
* Under Development
Quectel BC68
Ultra-compact Multi-band
NB-IoT Module with
Ultra-low Power Consumption
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com