Electronic Components Datasheet Search
  English  ▼

X  

BC92 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC92
Description  Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC92 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BC92 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC92 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BC92
Compact NB-IoT/GSM Dual-mode
Module with Ultra-low Power
Consumption
BC92 is a high-performance, multi-band NB-IoT/GSM dual-mode module with extremely low power consumption. The
ultra-compact 23.6 mm × 19.9 mm × 2.2 mm profile makes it a perfect choice for size-sensitive applications. Designed to be
compatible with Quectel GSM/GPRS M95 module, NB-IoT BC95-G module and LPWA BG95 module, BC92 provides
abundant external interfaces and protocol stacks, providing great convenience for customers' applications.
BC92 adopts surface-mount technology, making it an ideal solution for durable and rugged designs. The low profile and small
size of LCC package enables BC92 to be easily embedded into space-constrained applications and provides reliable
connectivity with applications.
Due to the compact size and ultra-low power consumption, BC92 is one of the best choices of IoT applications, such as smart
metering, bike sharing, smart wearables, smart parking, smart city, security and asset tracking, home appliances, agricultural
environment monitoring, etc. Also it provides a complete range of SMS* and data transmission functions to meet customers’
diversified demands.
Key
Benefits
NB-IoT/GSM dual-mode module with ultra-low power consumption,
compact size and high sensitivity
Multi-band and rich external interfaces ensuring convenient application
Compatible with Quectel GSM/GPRS M95 module, NB-IoT BC95-G module
and LPWA BG95 module, easy for future upgrading
Embedded with abundant Internet service protocols
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Compact Size
Multi Frequency
Bands
LCC Package
Multiple Serial Ports
Ultra-low Power
Consumption
Quectel Enhanced
AT Commands
Rev.: V1.2 | Status: Released
19.9 mm
2.2 mm
Embedded Internet
Services Protocols


Similar Part No. - BC92

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results

Similar Description - BC92

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BC66 QUECTEL-BC66 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Ultra Low Consumption
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
logo
List of Unclassifed Man...
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com