Electronic Components Datasheet Search
  English  ▼

X  

BC92 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC92
Description  Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC92 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BC92 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC92 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact NB-IoT/GSM Dual-mode
Module with Ultra-low Power
Consumption
Quectel BC92
Variant for the Global
BC92
LTE Cat NB2: B3/B5/B8/B20/B28
GSM: 850/900/1800/1900 MHz
Data
Data Transmission:
LTE Cat NB1:
Single-Tone:
DL: Max. 25.5 kbps
UL: Max. 16.7 kbps
Multi-Tone:
DL: Max. 25.5 kbps
UL: Max. 62.5 kbps
LTE Cat NB2:
DL: Max. 127 kbps
UL: Max. 158.5 kbps
GSM:
GPRS Class 12 (Max.): 85.6 kbps (DL/UL)
SMS*
Text/PDU Mode
Electrical Specification
Output Power:
23 dBm ±2 dB @ LTE FDD Bands
33 dBm ±2 dB @ GSM850/EGSM900
30 dBm ±2 dB @ DCS1800/PCS1900
Sensitivity:
-129 dBm @ LTE FDD Bands (with Repetitions)
-109 dBm @ GSM850/EGSM900
-109 dBm @ DCS1800/PCS1900
Power Consumption (Typ.):
Cat NB1:
4 μA @ PSM
1.2 mA @ Idle, DRX = 2.56 s
GSM:
1 mA @ DRX = 5
0.9 mA @ DRX = 9
Interfaces
USIM × 2 (1.8/3.0 V)
PSM_EINT × 1
UART × 2
ADC* × 1
RESET × 1
PWRKEY × 1
RI × 1
NETLIGHT × 1
Antenna × 1
Enhanced Features
Firmware Upgrade via UART
QuecLocator ®
DFOTA: Delta Firmware Upgrade Over-The-Air
Software Features
Protocol Stacks:
UDP/TCP/LwM2M/SNTP/PPP/MQTT/CoAP*/
HTTP*/HTTPS*/FTP*
General Features
LCC Package
50 Pins
Supply Voltage Range:
3.4–4.2 V
Typical 3.8 V
Operation temperature:
-25 °C to +75 °C
Dimensions: 23.6 mm × 19.9 mm × 2.2 mm
Weight: 1.8 ±0.1 g
AT Command:
3GPP Rel-13/Rel-14
Quectel Enhanced AT Commands
Approvals
Carrier:
Vodafone* (
Europe)
Vodacom/ MTN (South Africa)
Regulatory:
GCF (Global)
CE (Europe)
RCM (Australia & New Zealand)
ICASA* (South Africa)
Others:
RoHS Compliant
* Under Development
Copyright © 2020 Quectel Wireless Solutions Co., Ltd. All Rights Reserved
http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com