Electronic Components Datasheet Search
  English  ▼

X  

EC20 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC20
Description  IoT/M2M-optimized LTE Cat 4 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC20 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel EC20 R2.1
IoT/M2M-optimized
LTE Cat 4 Module
Build a Smarter World
Quectel EC20 R2.1 is a series of LTE category 4 module optimized specially for M2M and IoT applications. Adopting the 3GPP
Rel. 11 LTE technology, it delivers 150Mbit/s downlink and 50Mbit/s uplink data rates. Designed in the compact and unified
form factor, EC20 R2.1 is compatible with Quectel UMTS/HSPA+ UC20 module and multi-mode LTE EC20/EC21/EC25/EG25-G
modules, which allows for flexible migration among them in design and manufacturing.
EC20 R2.1 is an upgraded version of EC20 R2.0. Adopting laser engraving process, EC20 R2.1 features a more fashionable
appearance, strong metallic texture, better thermal dissipation capability and durable label information, which makes it
ideally suited for large-scale production.
EC20 R2.1 supports Qualcomm® IZat™ location technology Gen8C Lite (GPS, GLONASS, BeiDou, Galileo and QZSS). The
integrated GNSS greatly simplifies product design, and provides quicker, more accurate and more dependable positioning.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB drivers for Windows
7/8/8.1/10, Linux, Android/eCall*) extend the applicability of the module to a wide range of M2M and IoT applications such
as industrial router, industrial PDA, rugged tablet PC, video surveillance, and digital signage.
Key
Benefits
LTE category 4 module optimized for M2M and IoT applications
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
Feature refinements: supports DFOTA, eCall* and DTMF
MIMO technology meets demands for data rate and link
reliability in modem wireless communication systems
LTE Cat 4
Max 150Mbps (DL)
Max 50Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
LCC Package
Embedded Abundant
Protocols
eCall*
Multi-constellation
GNSS
USB 2.0 High Speed
Interface
USB Drivers
Quectel Enhanced
AT Commands
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
版本:V1.2| 状态:受控文件


Similar Part No. - EC20

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
logo
List of Unclassifed Man...
EC20 ETC2-EC20 Datasheet
107Kb / 2P
Conduit Accessories
logo
Quectel Wireless Soluti...
EC20 QUECTEL-EC20 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
logo
Pro-Power
EC20 PROPOWER-EC20 Datasheet
106Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
Novaris
EC20-230 NOVARIS-EC20-230 Datasheet
348Kb / 1P
EC Earth Clamp 20kA
More results

Similar Description - EC20

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
EC200T QUECTEL-EC200T Datasheet
680Kb / 2P
Quectel EC200T IoT/M2M-optimized LTE Cat 4 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com