Electronic Components Datasheet Search
  English  ▼

X  

EC20 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC20
Description  IoT/M2M-optimized LTE Cat 4 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC20 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quectel EC20 R2.1
IoT/M2M-optimized
LTE Cat 4 Module
Variant for China/India
EC20-CE R2.1:
LTE FDD: B1/B3/B5/B8
LTE TDD: B34/B38/B39/B40/B41
WCDMA: B1/B8
TD-SCDMA: B34/B39
CDMA: BC0
GSM: 900/1800MHz
Data
LTE:
LTE FDD: Max 150Mbps (DL)/Max 50Mbps (UL)
LTE TDD: Max 130Mbps (DL)/Max 30Mbps (UL)
UMTS:
DC-HSDPA: Max 42Mbps (DL)
HSUPA: Max 5.76Mbps (UL)
WCDMA: Max 384Kbps (DL)/Max 384Kbps (UL)
TD-SCDMA:
Max 4.2Mbps (DL)/Max 2.2Mbps (UL)
CDMA2000:
EVDO: Max 3.1Mbps (DL)/Max 1.8Mbps (UL)
1X Advanced: Max 307.2Kbps (DL/UL)
GSM:
EDGE: Max 296Kbps (DL)/Max 236.8Kbps (UL)
GPRS: Max 107Kbps (DL)/Max 85.6Kbps (UL)
Voice
Speech Codec Modes:
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic:
Echo Cancellation/Noise Reduction
VoLTE:
Digital Audio and VoLTE (Voice over LTE)
(Optional)
Interfaces
USB 2.0 with High Speed up to 480Mbps
Digital Audio through PCM (Optional)
1.8V/3.0V (U)SIM Interface
NETLIGHT × 2 (NET_STATUS and NET_MODE)
UART × 2 (Main Port and Debug Port)
RESET (Active Low)
PWRKEY (Active low)
Solder Pads for Primary, Rx-diversity and GNSS
Antennas
ADC × 2
SDIO × 2 (For Wi-Fi and SD Card)
Enhanced Features
SDIO for Wi-Fi Function (Optional)
UART for BT4.0* Function (Optional)
eCall*
DTMF
DFOTA: Delta Firmware Upgrade Over-The-Air
(U)SIM Card Detection
Antenna: DL MIMO, support Rx-diversity
GNSS: GPS/GLONASS/BeiDou/Galileo/QZSS
Electrical Characteristics
Output Power:
Class 3 (23dBm±2dB) for LTE FDD
Class 3 (23dBm±2dB) for LTE TDD
Class 2 (24dBm+1/-3dB) for TD-SCDMA
Class 3 (24dBm+1/-3dB) for WCDMA
Class 3 (24dBm+2/-1dB) for CDMA BC0
Class E2 (27dBm±3dB) for EDGE 900MHz
Class E2 (26dBm±3dB) for EDGE 1800MHz
Class 4 (33dBm±2dB) for EGSM900
Class 1 (30dBm±2dB) for DCS1800
Consumption:
11uA @Power off
1.8mA @LTE Sleep (PF=128)
1.5mA @LTE Sleep (PF=256)
20mA @Idle
Sensitivity:
FDD B1: -101.6dBm (10M)
FDD B3: -101.9dBm (10M)
FDD B5: -102dBm (10M)
FDD B8: -102.1dBm (10M)
TDD B34: -101dBm(10M)
TDD B38: -101.3dBm (10M)
TDD B39: -101.2dBm (10M)
TDD B40: -101.4dBm (10M)
TDD B41: -101.4dBm (10M)
WCDMA B1: -112dBm
WCDMA B8: -112dBm
TD-SCDMA B34: -110dBm
TD-SCDMA B39: -110dBm
CDMA BC0: -108dBm
EGSM900: -109dBm
DCS1800: -109dBm
Software Features
USB Serial Driver:
Windows 7/8/8.1/10,
Linux 2.6/3.x/4.1~4.15,
Android 4.x/5.x/6.x/7.x/9.X
RIL Driver:
Android 4.x/5.x/6.x/7.x/8.x/9.x
NIDS Driver:
Windows 7/8/8.1/10
ECM Driver:
Linux 2.6/3.x/4.1~4.15
Gobinet Driver:
Linux 2.6/3.x/4.1~4.15
Linux qmi wwan Driver:
3.x (3.4 and later)/4.1~4.15
Protocols:
TCP/UDP/PPP/FTP/HTTP/NTP/PING/QMI/NITZ/
CMUX/HTTPS/SMTP/MMS/FTPS/SMTPS/SSL/FILE
General Features
3GPP E-UTRA Release 11
Bandwidth: 1.4/3/5/10/15/20MHz
Extended Temperature: -40°C ~ +85°C
Dimensions: 29.0mm x 32.0mm x 2.4mm
LCC Package
Approx. 5.3g
Supply Voltage: 3.3V~4.3V, 3.8V Typ.
3GPP TS27.007 and Enhanced AT Commands
Approvals
Regulatory:
SRRC/NAL/CCC (China)
Others:
RoHS Compliant
* Under Development
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
32.0mm
2.4mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com