Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 2 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 2 Page - NEC

  UPD78014 Datasheet HTML 1Page - NEC UPD78014 Datasheet HTML 2Page - NEC UPD78014 Datasheet HTML 3Page - NEC UPD78014 Datasheet HTML 4Page - NEC UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
µPD78044H, 78045H, 78046H
78K/0 SERIES PRODUCT DEVELOPMENT
The 78K/0 series products were developed as shown below. The sub-series names are indicated in frames.
100-pin
80-pin
80-pin
64-pin
64-pin
64-pin
42-/44-pin
PD78078
PD78078Y
PD78070A
PD78070AY
PD78054
PD78054Y
PD78018F
PD78018FY
PD78014
PD78014Y
PD780001
PD780208
PD78044F
PD78024
100-pin
80-pin
80-pin
64-pin
100-pin
100-pin
100-pin
A timer has been added to the PD78054 to enhance external interface functions.
The I/O and FIP C/D of the PD78044F have been enhanced.
Total indication output pins: 53
N-ch open-drain I/O ports have been added to the PD78044F.
Total indication output pins: 34
The SIO of the PD78064 has been enhanced. ROM and RAM
have been expanded.
Basic sub-series for FIP driving. Total indication output pins: 26
Sub-series for LCD driving. These products include an UART.
EMI noise-reduced version of the PD78064
PD780308
PD78098
PD780308Y
Products being mass-produced
Products under development
Y sub-series products are compatible with the I2C bus.
Used for control
78K/0
series
For FIP driving
For LCD driving
Compatible with IEBus
TM
PD78002
PD78083
100-pin
100-pin
64-pin
80-pin
ROM-less versions of the PD78078
The serial I/O of the PD78078 has been enhanced. The functions have been
limited.
EMI noise-reduced version of the PD78054
An UART and D/A converter have been added to the PD78014 to enhance I/O.
Low-voltage (1.8 V) versions of the PD78014. ROM and RAM variations have
been enhanced.
An A/D converter and 16-bit timer have been added to the PD78002.
An A/D converter has been added to the PD78002.
Basic sub-series for control
These products include an UART and can operate at a low voltage (1.8 V).
A 6-bit U/D counter has been added to the PD78024.
Total indication output pins: 34
PD78002Y
µ
µ
PD780018Y
µ
µ
µ
µ
µ
µ
µ
PD780018
µ
PD78058F
PD78058FY
µ
µ
µ
µ
µ
µ
µ
µ
µ
PD78044H
µ
µ
µ
µ
PD78064B
µ
µ
PD78064
PD78064Y
µµ
µ
An IEBus controller has been added to the PD78054.
A PWM output, LV digital code decoder, and Hsync counter are
incorporated.
PD78P0914
For LV
64-pin
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com