Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 39 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 39 Page - NEC

Back Button UPD78014 Datasheet HTML 35Page - NEC UPD78014 Datasheet HTML 36Page - NEC UPD78014 Datasheet HTML 37Page - NEC UPD78014 Datasheet HTML 38Page - NEC UPD78014 Datasheet HTML 39Page - NEC UPD78014 Datasheet HTML 40Page - NEC UPD78014 Datasheet HTML 41Page - NEC UPD78014 Datasheet HTML 42Page - NEC UPD78014 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39
µPD78044H, 78045H, 78046H
Manufacturer
Product name
Frequency
Recommended
Oscillator voltage range
Remark
(MHz)
circuit constant
C1 (pF)
C2 (pF)
MIN. (V)
MAX. (V)
Murata Mfg. Co., Ltd.
CSB1000J
1.00
100
100
2.7
5.5
Rd = 4.7 k
ΩNote
CSA2.00MG040
2.00
100
100
2.7
5.5
CST2.00MG040
2.00
—
—
2.7
5.5
Built-in capacitor
CSA4.00MG
4.00
30
30
2.7
5.5
CST4.00MGW
4.00
—
—
2.7
5.5
Built-in capacitor
CSA5.00MG
5.00
30
30
2.7
5.5
CST5.00MGW
5.00
—
—
2.7
5.5
Built-in capacitor
TDK Corp.
CCR1000K2
1.00
150
150
2.7
5.5
Surface-mount type
CCR2.0MC3
2.00
—
—
2.7
5.5
Built-in capacitor,
surface-mount type
CCR4.0MC3
4.00
—
—
2.7
5.5
Built-in capacitor,
surface-mount type
FCR4.0MC5
4.00
—
—
2.7
5.5
Built-in capacitor
CCR5.0MC3
5.00
—
—
2.7
5.5
Built-in capacitor,
surface-mount type
FCR5.0MC5
5.00
—
—
2.7
5.5
Built-in capacitor
Matsushita Electronics
EFOEC2004A4
2.00
33
33
2.7
5.5
Built-in capacitor
Components Co., Ltd.
EFOS2004B5
2.00
33
33
2.7
5.5
Built-in capacitor,
surface-mount type
EFOEC3584A4
3.58
33
33
2.7
5.5
Built-in capacitor
EFOS3584B5
3.58
33
33
2.7
5.5
Built-in capacitor,
surface-mount type
EFOEC4004A4
4.00
33
33
2.7
5.5
Built-in capacitor
EFOS4004B5
4.00
33
33
2.7
5.5
Built-in capacitor,
surface-mount type
EFOEC5004A4
5.00
33
33
2.7
5.5
Built-in capacitor
EFOS5004B5
5.00
33
33
2.7
5.5
Built-in capacitor,
surface-mount type
RECOMMENDED OSCILLATOR CONSTANT
MAIN SYSTEM CLOCK: CERAMIC RESONATOR (TA = –40 to +85
°C)
Note
When the CSB1000J (1.00 MHz) manufactured by Murata Mfg. is used, a limiting resistor (4.7 k
Ω) is
necessary (see the figure in the next page). When one of other resonators is used, no limiting resistor is
required.
Caution The oscillation circuit constants and oscillation voltage range indicate conditions for stable
oscillation but do not guarantee accuracy of the oscillation frequency. If the application circuit
requires accuracy of the oscillation frequency, it is necessary to set the oscillation frequency
of the resonator in the application circuit.
For this, it is necessary to directly contact the
manufacturer of the resonator that being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com