Electronic Components Datasheet Search
  English  ▼

X  

STL80NF3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL80NF3LL
Description  N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL80NF3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STL80NF3LL Datasheet HTML 1Page - STMicroelectronics STL80NF3LL Datasheet HTML 2Page - STMicroelectronics STL80NF3LL Datasheet HTML 3Page - STMicroelectronics STL80NF3LL Datasheet HTML 4Page - STMicroelectronics STL80NF3LL Datasheet HTML 5Page - STMicroelectronics STL80NF3LL Datasheet HTML 6Page - STMicroelectronics STL80NF3LL Datasheet HTML 7Page - STMicroelectronics STL80NF3LL Datasheet HTML 8Page - STMicroelectronics STL80NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STL80NF3LL
2/9
Table 3: Absolute Maximum ratings
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On /Off
Table 6: Dynamic
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS= 0)
30
V
VGS
Gate- source Voltage
± 16
V
ID (1)
Drain Current (continuous) at TC= 25°C
80
A
ID (1)
Drain Current (continuous) at TC= 100°C
50
A
IDM (3)
Drain Current (pulsed)
320
A
ID (2)
Drain Current (continuous) at TC= 25°C
20
A
PTOT (2)
Total Dissipation at TC= 25°C
4W
PTOT (1)
Total Dissipation at TC= 25°C
80
W
Derating Factor(2)
0.03
W/°C
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Max. Operating Junction Temperature
Rthj-C
Thermal Resistance Junction-Case (Drain)
1.56
°C/W
Rthj-pcb (2)
Thermal Operating Junction-pcb
31.3
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source Breakdown
Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
± 10
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS= 10 V, ID= 10 A
0.0045
0.0055
Ω
VGS= 4.5 V, ID= 10 A
0.0055
0.007
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (4)
Forward Transconductance
VDS= 10V, ID= 10 A
37
S
Ciss
Input Capacitance
VDS= 25V, f= 1 MHz, VGS= 0
2160
pF
Coss
Output Capacitance
614
pF
Crss
Reverse Transfer
Capacitance
98
pF
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
4.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com