Electronic Components Datasheet Search
  English  ▼

X  

STL80NF3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL80NF3LL
Description  N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL80NF3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STL80NF3LL Datasheet HTML 1Page - STMicroelectronics STL80NF3LL Datasheet HTML 2Page - STMicroelectronics STL80NF3LL Datasheet HTML 3Page - STMicroelectronics STL80NF3LL Datasheet HTML 4Page - STMicroelectronics STL80NF3LL Datasheet HTML 5Page - STMicroelectronics STL80NF3LL Datasheet HTML 6Page - STMicroelectronics STL80NF3LL Datasheet HTML 7Page - STMicroelectronics STL80NF3LL Datasheet HTML 8Page - STMicroelectronics STL80NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STL80NF3LL
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Switching On
Table 8: Source Drain Diode
(1) The value is rated according Rthj-C.
(2) When mounted on FR-4 board of 1in², 2oz Cu., t<10sec
(3) Pulse width limited by safe operating area.
(4) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off-Delay Time
Fall Time
VDD= 15 V, ID= 10 A
RG =4.7
Ω, VGS = 4.5V
(see Figure 15)
23.5
39
47.5
37
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 15V, ID= 10 A, VGS= 4.5 V
(see Figure 17)
26
7
12
35
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
20
A
ISDM (3)
Source-drain Current (pulsed)
80
A
VSD (4)
Forward On Voltage
ISD= 20 A, VGS= 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse RecoveryCharge
Reverse Recovery Current
ISD= 20 A, di/dt= 100 A/µs,
VDD= 15 V, Tj = 150°C
(see Figure 16)
39
45
2.3
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com