Electronic Components Datasheet Search
  English  ▼

X  

L86 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # L86
Description  Compact GNSS Module Integrating Patch Antenna & MT3333 Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L86 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  L86 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L86 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel L86
Compact GNSS Module
Integrating Patch Antenna
& MT3333 Solution
Build a Smarter World
Key
Benefits
Multi-GNSS engine for GPS, GLONASS, Galileo and QZSS
Embedded patch antenna: 18.4mm × 18.4mm × 4.0mm
Extremely compact footprint: 16.0mm × 16.0mm × 6.45mm
Automatic antenna switching function
Support short circuit protection and antenna detection
Built-in LNA for better sensitivity
EASY™, an advanced AGPS technology without external memory
Ultra low power consumption in tracking mode, 26mA
AlwaysLocate™, an intelligent controller of periodic mode
LOCUS, an embedded logger function without the need of host
and external flash
High sensitivity: -167dBm @Tracking, -149dBm @Acquisition
99 acquisition channels, 33 tracking channels
Balloon mode, for high altitude up to 80km
Support DGPS, SBAS (WAAS/EGNOS/MSAS/GAGAN)
Great anti-jamming performance due to multi-tone active inter-
ference canceller
PPS VS. NMEA can be used for time service
Support SDK command developed by Quectel
Embedded
Patch Antenna
EASY™ Technology
GPS/GLONASS/
Galileo/QZSS
Anti-jamming
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Super Tracking
Sensitivity:
-167dBm
High Accuracy
L86 is an ultra-compact GNSS POT (Patch on Top) module with an embedded 18.4mm × 18.4mm × 4.0mm patch antenna and
utilizes the MediaTek new generation GNSS chipset MT3333 that achieves the perfect performance. Designed to be
compatible with Quectel GPS L80 module in the compact and unified form factor, it provides a flexible and scalable platform
for migrating from GPS to GNSS. This space-saving design makes L86 a perfect module for miniature devices. Adopting LCC
package and integrating patch antenna, L86 has exceptional performance both in acquisition and tracking.
Combining advanced AGPS called EASY™ (Embedded Assist System) and proven AlwaysLocate™ technology, L86 achieves the
highest performance and fully meets the industrial standard. EASY™ technology allows L86 to calculate and predict orbits
automatically using the ephemeris data (up to 3 days) stored in internal RAM memory, so L86 can fix position quickly even at
indoor signal levels with low power consumption. With AlwaysLocate™ technology, L86 can adaptively adjust the on/off time
to achieve balance between positioning accuracy and power consumption according to the environmental and motion
conditions.
L86 supports automatic antenna switching function. It can achieve the switching between internal patch antenna and
external active antenna. Moreover, it keeps positioning during the switching process.
Due to its compact design, high precision and sensitivity, L86 is perfectly suitable for a broad range of M2M applications such
as portable device, automotive, personal tracking, security and industrial PDA. It is especially suitable for special applications,
like GPS mouse and OBD.
Low Power
Consumption
RoHS Compliant
Quectel
Confidential


Similar Part No. - L86

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
L86 NJSEMI-L86 Datasheet
389Kb / 1P
OPTO ELECTRONICS DETECTORS-PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Hamamatsu Corporation
L8601-01 HAMAMATSU-L8601-01 Datasheet
514Kb / 4P
90KV MICROFOCUS X-RAY SOURCE
logo
Unisonic Technologies
L8602 UTC-L8602 Datasheet
167Kb / 8P
LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
L8602G-Q20-4040-R UTC-L8602G-Q20-4040-R Datasheet
167Kb / 8P
LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
logo
Hamamatsu Corporation
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
Transmitter/receiver photo IC for optical link
More results

Similar Description - L86

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L26-LB QUECTEL-L26-LB Datasheet
1Mb / 2P
Compact GNSS Module
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
L96 QUECTEL-L96 Datasheet
767Kb / 2P
Extremely Compact GNSS Module with Chip Antenna
logo
Linx Technologies
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
L1/L2 Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C185L160 LINX-ANT-GNCP-C185L160 Datasheet
909Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C106L160 LINX-ANT-GNCP-C106L160 Datasheet
919Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C357L160 LINX-ANT-GNCP-C357L160 Datasheet
872Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
logo
Quectel Wireless Soluti...
LC76F QUECTEL-LC76F Datasheet
187Kb / 2P
Compact GNSS Module
Version: 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com