Electronic Components Datasheet Search
  English  ▼

X  

L86 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # L86
Description  Compact GNSS Module Integrating Patch Antenna & MT3333 Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L86 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  L86 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L86 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact GPS Module
Integrating Patch Antenna
& MT3333 Solution
Quectel L86
18.4 mm
6.45 mm
GNSS Features
GPS L1 Band Receiver (1575.42MHz)/
GLONASS L1 Band Receiver (1601.71MHz):
Channel: 33 (Tracking)/ 99 (Acquisition)
C/A Code
SBAS: WAAS, EGNOS, MSAS, GAGAN
Horizontal Position Accuracy:
Autonomous: <2.5m CEP
Velocity Accuracy:
Without Aid: <0.1m/s
Acceleration Accuracy:
Without Aid: <0.1m/s²
Timing Accuracy:
1PPS Out: 10ns
Reacquisition Time: <1s
TTFF @-130dBm with EASY™:
Cold Start: <15s
Warm Start: <5s
Hot Start: <1s
TTFF @-130dBm without EASY™:
Cold Start: <35s
Warm Start: <30s
Hot Start: <1s
Sensitivity:
Acquisition: -149dBm
Tracking: -167dBm
Reacquisition: -161dBm
Dynamic Performance:
Maximum Altitude: Max. 18000m
Maximum Velocity: Max. 515m/s
Maximum Acceleration: 4G
Interfaces
Serial Interface:
UART: Adjustable 4800bps~115200bps
Default: 9600bps
Update Rate:
1Hz (Default), up to 10Hz
I/O Voltage:
2.7V~2.9V
Protocols:
NMEA 0183
PMTK
General Features
Temperature Range:
-40°C ~ +85°C
Dimensions:
18.4mm × 18.4mm × 6.45mm
Weight:
Approx. 7.6g
Power Management
Power Supply:
3.0V~4.3V
Power Acquisition:
30mA @3.3V (GPS+GLONASS)
Power Tracking:
26mA @3.3V (GPS+GLONASS)
Power Saving:
3.5mA @AlwaysLocate™ (Note1)
7uA @Backup Mode
1mA @Standby Mode
Periodic Mode
Note1: Measured in GPS+GLONASS System under
Outdoor Static Mode.
Copyright © 2017 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Fax: +86 21 54453668
Email: info@quectel.com
Quectel
Confidential



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com