Electronic Components Datasheet Search
  English  ▼

X  

OT951 Datasheet(PDF) 2 Page - DFI Inc

Part # OT951
Description  AMD Embedded G-Series 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OT951 Datasheet(HTML) 2 Page - DFI Inc

  OT951 Datasheet HTML 1Page - DFI Inc OT951 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APU (Accelerated Processing Unit)
• OT951-DT56N:
- AMD® T56N, 1.65GHz, 2x 512KB L2, 18W TDP, dual-core
- Cooling: heatsink with cooling fan
• OT951-DT40N:
- AMD® T40N, 1.0GHz, 2x 512KB L2, 9W TDP, dual-core
- Cooling: heatsink without cooling fan
CHIPSET
• AMD® A50M Controller Hub
SYSTEM MEMORY
• One 204-pin DDR3 SODIMM sockets
• Supports DDR3 1066/1333MHz (OT951-DT56N)
Supports DDR3 1066MHz (OT951-DT40N)
• Supports single channel memory interface
• Supports up to 8GB system memory
• DRAM device technologies: 1Gb, 2Gb and 4Gb DDR3 DRAM technologies are
supported for x8 and x16 devices, unbuffered, non-ECC
EXPANSION SLOTS
• 1 Mini PCIe slot
- Supports half size Mini PCIe card
• 1 CompactFlash socket
• 1 connector for daughterboard expansion
- 2 PCIe x1
- 4 USB 2.0
- 1 LPC
ONBOARD GRAPHICS FEATURES
• Advanced discrete-level GPU integrated in the processor
- AMD RadeonTM HD 6320 (OT951-DT56N)
- AMD RadeonTM HD 6290 (OT951-DT40N)
• Supports LVDS, VGA and HDMI interfaces
• LVDS: Chrontel CH7511B, 24-bit, dual channel, resolution up to
1920x1200 @ 60Hz
• VGA: resolution up to 2048x1536 @ 60Hz (OT951-DT56N); resolution
up to 1920x1200 @ 60Hz (OT951-DT40N)
• HDMI: resolution up to 1920x1080 @ 60Hz
• Supports AMD Turbo Core 2.0 technology
• Supports DirectX 11, OpenGL 3.2 and OpenCL 1.1
• Supports Hardware H.264, MPEG4 Part 2, VC-1, and MPEG2 decode
ONBOARD AUDIO FEATURES
• Realtek ALC886 5.1-channel High Definition Audio
ONBOARD LAN FEATURES
• 2 Realtek RTL8111DL Gigabit Ethernet Controllers
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA (SATA) INTERFACE
• Supports 1 Serial ATA interface
• SATA 3.0 with data transfer rate up to 6Gb/s
• Integrated Advanced Host Controller Interface (AHCI) controller
IDE INTERFACE
• JMicron JMB368 PCI Express to PATA host controller
• Supports 1 CompactFlash interface
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
REAR PANEL I/O PORTS
• 1 12V DC-in jack (default) or 4-pin power connector*
• 1 HDMI port
• 1 DB-15 VGA port
• 2 RJ45 LAN ports
• 2 USB 2.0/1.1 ports
I/O CONNECTORS
• 1 connector for 2 external USB 2.0/1.1 ports
• 2 connectors for 2 external RS232/422/485 serial ports
• 1 LVDS LCD panel connector
• 1 LCD/inverter power connector
• 1 8-bit Digital I/O connector
• 1 front audio connector for line-out and mic-in jacks
• 1 Serial ATA port
• 1 chassis intrusion connector
• 1 front panel connector
• 2 fan connectors
BIOS
• AMI BIOS
- 64Mbit SPI BIOS
ENERGY EFFICIENT DESIGN
• Supports ACPI
• System Power Management
• Wake-On-Events include:
- Wake-On-USB KB/Mouse
- Wake-On-LAN
- RTC timer to power-on the system
• CPU stopped clock control
• AC power failure recovery
DAMAGE FREE INTELLIGENCE
• Monitors CPU/system temperature and overheat alarm
• Monitors Vcore/Vnb/V_DIMM/5V/12V voltages and failure alarm
• Monitors CPU/system fan speed and failure alarm
• Read back capability that displays temperature, voltage and fan speed
• Watchdog timer function
POWER CONSUMPTION
• 26.66 W with T56N at 1.65GHz and 1x 2GB DDR3 SODIMM
• 19.23 W with T40N at 1.00GHz and 1x 1GB DDR3 SODIMM
OS SUPPORT
• Windows XP Professional x86 & SP3 (32-bit)
• Windows XP Professional x64 & SP2 (64-bit)
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• 10% to 90%
DIMENSIONS
• 3.5" board
• 146mm (5.75") x 102mm (4.02")
CERTIFICATION
• CE
• FCC Class B
• UL
• RoHS
AMD® Embedded G-Series
3.5"
Specifications
Packing List
Optional Items
OT951-D Series
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 20, 2019 DFI Inc.
DC-in (default)
4-pin power (optional)
Power Connector
• 1 OT951-D board
• 1 Serial ATA data cable
• Serial ATA data cable
• USB port cable
• COM port cable
• Power adapter (100W, 12V, Level 6) : 671-110002-100G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com