Electronic Components Datasheet Search
  English  ▼

X  

OT951 Datasheet(PDF) 1 Page - DFI Inc

Part # OT951
Description  AMD Embedded G-Series 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

OT951 Datasheet(HTML) 1 Page - DFI Inc

  OT951 Datasheet HTML 1Page - DFI Inc OT951 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMD® Embedded G-Series
3.5"
Mechanical Drawing
Block Diagram
Features
OT951-D Series
R-Series
DDR3 SODIMM
Top View
Bottom View
LVDS LCD
panel
Mini PCIe
LCD/Inverter
power
USB 2-3
DIO Power
T56N/T40N
SATA 0
VGA
HDMI
LAN 1
USB 0
12V DC-in USB 1
LAN 2
SATA Power
DIO
A50M
COM 1
COM 2
Daughterboard
expansion
CPU Fan
System Fan
CompactFlash
0.00
3.20
3.20
0.00
6.16
14.22
95.20
98.80
98.80
95.20
84.39
74.36
42.39
APU PCIe0
TSI
UMI x4
AMD
A50M
DDI (TMDS)
VGA
DDI (DP)
CH7511B
LVDS 18/24 bit
Dual Channel
PCIe0
Mini PCIe
PCIe1
JMB368
PCIe2
Giga LAN1
RTL8111DL
PCIe3
HDA
SPI Flash
CF
Giga LAN2
RTL8111DL
DDR3 SODIMM
APU PCIe1
SATA0
SATA
USB 4x
Mini PCIe
USB 4x
SIO
W83627DHG-P
TPM (opt.)
LPC
33MHz
COM 2x
DIO 8x
LPC
AMD T56N
(-DT56N)
AMD T40N
(-DT40N)
VGA
HDMI
MEMORY
1 DDR3 SODIMM up to 8GB
EXPANSION
1 Mini PCIe
1 Connector for daughterboard expansion
DISPLAY OUTPUTS 1 HDMI, 1 VGA, 1 LVDS
LAN
2 LAN
COM
2 COM
USB
4 USB 2.0
STORAGE
1 SATA 3.0
1 CF
DIO
8-bit DIO
DIMENSIONS
146mm x 102mm (5.75" x 4.02")


Similar Part No. - OT951

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
Computer-on-Modules
logo
DFI Inc
OT905-B DFI-OT905-B Datasheet
1Mb / 2P
AMD Embedded G-Series COM Express Compact
logo
EMP-Centauri s.r.o.
OT91FEC-4 EMP-CENTAURI-OT91FEC-4 Datasheet
285Kb / 1P
Optical transmitter 9in / 1out
More results

Similar Description - OT951

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA112 AXIOMTEK-CAPA112 Datasheet
391Kb / 1P
AMD G-Series APU 3.5 Embedded SBC with AMD A55E FCH, LVDS/VGA, Dual LANs and Audio
logo
List of Unclassifed Man...
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A180 ETC2-IMB-A180 Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
logo
Axiomtek Co., Ltd.
CAPA111VGGA-T40R AXIOMTEK-CAPA111VGGA-T40R Datasheet
238Kb / 2P
3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs and Audio
CAPA110 AXIOMTEK-CAPA110_17 Datasheet
272Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort/VGA
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
CAPA112 AXIOMTEK-CAPA112_17 Datasheet
293Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A55E, LVDS/VGA, Dual LANs
logo
DFI Inc
OT905-B DFI-OT905-B Datasheet
1Mb / 2P
AMD Embedded G-Series COM Express Compact
GM330-BFF DFI-GM330-BFF Datasheet
832Kb / 4P
AMD Embedded G-Series Processor Gaming Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com