Electronic Components Datasheet Search
  English  ▼

X  

SC200R Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC200R
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC200R Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  SC200R Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC200R Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Quectel SC200R Series
Multi-mode Smart LTE Module
with Wi-Fi & Bluetooth
SC200R series is Quectel’s new generation of multi-mode Smart LTE Cat 4 module with built-in Android OS. Based on
Qualcomm quad-core ARM Cortex-A53 64-bit processor with built-in Adreno
TM 308 GPU, it is an ideal solution for both
industrial and consumer applications requiring high data rates and multimedia functions. SC200R series is available in five
variants: SC200R-CE*, SC200R-EM*, SC200R-NA, SC200R-JP* and Wi-Fi & BT only version SC200R-WF*.
SC200R series supports multiple-input multiple-output (MIMO) technology. The use of multiple antennas at the receiver end
at the same time and on the same frequency band greatly minimizes errors and optimizes data speed. This module also
combines high-speed wireless connectivity with embedded multi-constellation and high-sensitivity GNSS (GPS, BeiDou,
GLONASS and Galileo) receiver for positioning.
A rich set of interfaces (such as LCM, Camera, Touch Panel, MIC, SPK, UART, USB, I2C and SPI) extend the applicability of the
module to a wide range of M2M applications, including edge device, edge computing, smart POS, smart cash registers, smart
home gateways, smart robots, smart wearables, security surveillance, PDA & tablets, vending machines, delivery lockers,
police and law enforcement equipment, in-car video streaming and entertainment systems, etc.
Rev.: V1.1 | Status: Released
Key Benefits
ARM Cortex-A53
64-bit Processor
(Quad-core)
IEEE 802.11
a/b/g/n
BT 4.2
(BR/EDR + BLE)
GPS, BeiDou,
GLONASS, Galileo
Powerful Multimedia
Function
Android OS
LCC + LGA
Package
Smart LTE Cat 4
Max. 150 Mbps (DL)
Max. 50 Mbps (UL)
Qualcomm®
Adreno
TM 308 GPU
Exceptional application and system performance based on the
quad-core A53 64-bit processor
Enhanced mobile rendering APIs for image and video applications
via Adreno
TM 308 GPU
Integrated ADSP, better DoU and user experience in DSP enabled
environment
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
Support dual ISP and up to 13 MP camera
Support recording and playback of 1080p video at 30 fps
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
40.5 mm
2.8 mm


Similar Part No. - SC200R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2 MSYSTEM-SC200-11-M2 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/3 MSYSTEM-SC200-11-M2/3 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/300 MSYSTEM-SC200-11-M2/300 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/4 MSYSTEM-SC200-11-M2/4 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC200R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com