Electronic Components Datasheet Search
  English  ▼

X  

SC200R Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC200R
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC200R Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  SC200R Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC200R Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat 4
SC200R-CE*
SC200R-EM*
SC200R-NA
SC200R-JP*
SC200R-WF*
Region/Operator
China
EMEA/India/Korea/South Asia/
Latin America/Australia/
New Zealand/South Africa
North America
Japan
Global
CPU
QCM2150, Quad-core ARM
Cortex-A53 64-bit CPU @ 1.3 GHz
QCM2150, Quad-core ARM
Cortex-A53 64-bit CPU @ 1.3 GHz
QCM2150, Quad-core ARM
Cortex-A53 64-bit CPU @ 1.3 GHz
QCM2150, Quad-core ARM
Cortex-A53 64-bit CPU @ 1.3 GHz
QCM2150, Quad-core ARM
Cortex-A53 64-bit CPU @ 1.3 GHz
Memory
1 GB LPDDR3 + 8 GB eMMC
2 GB LPDDR3 + 16 GB eMMC
1 GB LPDDR3 + 8 GB eMMC
2 GB LPDDR3 + 16 GB eMMC
1 GB LPDDR3 + 8 GB eMMC
2 GB LPDDR3 + 16 GB eMMC
1 GB LPDDR3 + 8 GB eMMC
2 GB LPDDR3 + 16 GB eMMC
1 GB LPDDR3 + 8 GB eMMC
2 GB LPDDR3 + 16 GB eMMC
OS
Android 10.0
Android 10.0
Android 10.0
Android 10.0
Android 10.0
Dimensions (mm)
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
40.5 × 40.5 × 2.8
Temperature Range
Operating Temperature
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
-35 to +75 °C
Frequency Bands
LTE-FDD
B1/B3/B5/B8
B1/B2/B3/B4/B5/B7/B8/B20/B28
B2/B4/B5/B7/B12/B13/B14/B17/
B25/B26/B66/B71
B1/B3/B5/B8/B11/B18/B19/B21/
B26/B28
/
LTE-TDD
B34/B38/B39/B40/B41
B38/B40/B41
B41
B41
/
WCDMA
B1/B8
B1/B2/B4/B5/B8
B2/B4/B5
B1/B6/B8/B19
/
EVDO/CDMA
BC0
/
/
/
/
GSM
900/1800 MHz
850/900/1800/1900 MHz
/
/
/
WLAN
2.4/5 GHz
802.11a/b/g/n
2.4/5 GHz
802.11a/b/g/n
2.4/5 GHz
802.11a/b/g/n
2.4/5 GHz
802.11a/b/g/n
2.4/5 GHz
802.11a/b/g/n
Bluetooth
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
BT 2.1+EDR/3.0/4.1 LE/4.2 BLE
GNSS
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
GPS/BeiDou/GLONASS or
GPS/BeiDou/Galileo
/
Certifications
Carrier
/
Australia: Telstra*
America: Verizon*/AT&T*
Japan: NTT DOCOMO*
TBD
Regulatory
China: SRRC*/NAL*/CCC*
Global: GCF*
Europe: CE*
Australia/New Zealand: RCM*
Global: GCF*
North America: PTCRB*
America: FCC*
Canada: IC*
Japan: JATE*/TELEC*
TBD
Others
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
RoHS/REACH
Data Transmission
LTE-FDD Data Rate (Mbps)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
150 (DL)/50 (UL)
/
LTE-TDD Data Rate (Mbps)
130 (DL)/30 (UL)
130 (DL)/30 (UL)
130 (DL)/30 (UL)
130 (DL)/30 (UL)
/
DC-HSPA Data Rate (Mbps)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
42 (DL)/11.2 (UL)
/
WCDMA Data Rate (kbps)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
/
EVDO Data Rate (Mbps)
3.1 (DL)/1.8 (UL)
/
/
/
/
EDGE Data Rate (kbps)
296 (DL)/236.8 (UL)
296 (DL)/236.8 (UL)
/
/
/
GPRS Data Rate (kbps)
107 (DL)/85.6 (UL)
107 (DL)/85.6 (UL)
/
/
/
Enhanced Features
3GPP E-UTRA
Release 10
Release 10
Release 10
Release 10
/
Bandwidth
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
1.4/3/5/10/15/20 MHz
/
Rx-diversity
●
●
●
●
/
DL MIMO 2 × 2
●
●
●
●
/
(U)SIM Detection
●
●
●
●
/
Dual SIM Dual Standby
●
●
●
●
/
Firmware Upgrade via USB
●
●
●
●
●
OTA
●
●
●
●
●
General Features
Supply Voltage Range
3.55–4.2 V, typ. 3.8 V
3.55–4.2 V, typ. 3.8 V
3.55–4.2 V, typ. 3.8 V
3.55–4.2 V, typ. 3.8 V
3.55–4.2 V, typ. 3.8 V
Power Consumption
TBD
TBD
TBD
TBD
TBD
Package
LCC + LGA
LCC + LGA
LCC + LGA
LCC + LGA
LCC + LGA
Weight (g)
Approx. 10.2
Approx. 10.2
Approx. 10.2
Approx. 10.2
Approx. 10.2
Interfaces of SC200R Series
LCM
× 1, 4-lane MIPI_DSI, HD+ (1440 × 720) @ 60 fps
Camera
2 groups of 4-lane MIPI_CSI, up to 2.1 Gbps/lane
Support 2 or 3 cameras, up to 13 MP with dual ISP
Touch Panel
Capacitive touch panel
Audio
3 analog inputs: MIC1, MIC2, MIC3 (including one noise-canceling MIC)
3 analog outputs: speaker, earpiece, headphone
Video
Video encoding + decoding: 720p @ 30 fps + 1080p @ 30 fps
Encoding up to 1080p @ 30 fps, decoding up to 1080p @ 30 fps
USB 2.0
× 1, compliant with USB 2.0, support USB OTG, USB OTG + charge, etc.
(U)SIM
× 2, support 1.8/2.95 V (U)SIM cards, with (U)SIM card detection function, DSDS supported
UART
× 3, up to 4 Mbps, one of them supports hardware flow control
SD Card
× 1, SD 3.0, support 4-bit SD mode
ADC
× 1, general-purpose ADC interface
I2C
× 4
I2S
× 2, can be multiplexed from GPIO interfaces
SPI
× 3, can be multiplexed from UART and GPIO interfaces
PWRKEY
1.8 V, pulled up internally
GPIO
× 35
Antenna
× 4, Main/Rx-diversity/GNSS/Wi-Fi & BT Antenna respectively (SC200R-WF*: × 1, Wi-Fi & BT Antenna)
Quectel SC200R Series
Copyright © 2020 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1. * means under development/planning/on-going.
2. ● means supported.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com