Electronic Components Datasheet Search
  English  ▼

X  

P6SMBF15C Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P6SMBF15C
Description  Surface mount transient voltage suppressor power 600 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P6SMBF15C Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P6SMBF15C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMBFJ6.8A(CA) THRU SMBFJ550A(CA) SMBF
1 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface mount transient voltage suppressor power 600 watts
Stand-Off Voltage: 6.8V~550V
FEATURES
For surface mounted applications in order tooptimize board space.
Low profile package.
Glass passivated junction.
Low inductance.
Plastic package has Underwriters Laboratory Flammability.
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 57mg / 0.002oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
Unipolar
Bipolar
SMBF
Maximum Ratings and Electrical characteristics
Ratings at 25 ambient temperature unless o °C therwise specified.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000 s waveform ( Note1,Note2,
Fig.1).
PPPM
600
W
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load, (JEDEC Method) (Note 3,Fig4).
IFSM
(UNI)
100
A
Peak Pulse Current on 10/1000 us waveform (Note 1) Fig 3
IPPM
see Table 1
A
Contact
VESD1
±30
ESD Voltage per IEC6100-4-2
Air
VESD2
±30
kV
Typical Junction Capacitance at VR=4V, f=1MHz
Cj
390
pF
Typical Thermal Resistance Junction to Ambient(Note 2)
RθJA
60
°C
Operating Junction Temperature and Storage Temperature
Range
TJ,TSTG
-55 to +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5mm2 copper pads to each terminal.
3. Peak Forward Surge Current : 8.3ms single half sine-wave Superimposed on rated load (JEDEC method).
4. Peak pulse power waveform is 10/1000μS.


Similar Part No. - P6SMBF15C

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6SMBF150A YFWDIODE-P6SMBF150A Datasheet
89Kb / 4P
Surface mounttransient voltage suppressor power 600watts
P6SMBF15A YFWDIODE-P6SMBF15A Datasheet
89Kb / 4P
Surface mounttransient voltage suppressor power 600watts
More results

Similar Description - P6SMBF15C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
Surface mount transient voltage suppressor power 600 watts
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com