Electronic Components Datasheet Search
  English  ▼

X  

P6SMBF15C Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P6SMBF15C
Description  Surface mount transient voltage suppressor power 600 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P6SMBF15C Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P6SMBF15C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF15C Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBFJ6.8A(CA) THRU SMBFJ550A(CA) SMBF
2 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Characteristics at Ta = 25
°C
Type
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
Table 1
UNI
BI
μA
UNI
BI
SMBF
Package
Device Marking Ccode
UNI
BI
600W Transient Voltage Suppresso
P6SMBF6.8
P6SMBF6.8A
P6SMBF7.5
P6SMBF7.5A
P6SMBF8.2
P6SMBF8.2A
P6SMBF9.1
P6SMBF9.1A
P6SMBF10
P6SMBF10A
P6SMBF11
P6SMBF11A
P6SMBF12
P6SMBF12A
P6SMBF13
P6SMBF13A
P6SMBF15
P6SMBF15A
P6SMBF16
P6SMBF16A
P6SMBF18
P6SMBF18A
P6SMBF20
P6SMBF20A
P6SMBF22
P6SMBF22A
P6SMBF24
P6SMBF24A
P6SMBF27
P6SMBF27A
P6SMBF30
P6SMBF30A
P6SMBF33
P6SMBF33A
P6SMBF36
P6SMBF36A
P6SMBF39
P6SMBF39A
P6SMBF43
P6SMBF43A
P6SMBF47
P6SMBF47A
P6SMBF51
P6SMBF51A
P6SMBF56
P6SMBF6.8C
P6SMBF6.8CA
P6SMBF7.5C
P6SMBF7.5CA
P6SMBF8.2C
P6SMBF8.2CA
P6SMBF9.1C
P6SMBF9.1CA
P6SMBF10C
P6SMBF10CA
P6SMBF11C
P6SMBF11CA
P6SMBF12C
P6SMBF12CA
P6SMBF13C
P6SMBF13CA
P6SMBF15C
P6SMBF15CA
P6SMBF16C
P6SMBF16CA
P6SMBF18C
P6SMBF18CA
P6SMBF20C
P6SMBF20CA
P6SMBF22C
P6SMBF22CA
P6SMBF24C
P6SMBF24CA
P6SMBF27C
P6SMBF27CA
P6SMBF30C
P6SMBF30CA
P6SMBF33C
P6SMBF33CA
P6SMBF36C
P6SMBF36CA
P6SMBF39C
P6SMBF39CA
P6SMBF43C
P6SMBF43CA
P6SMBF47C
P6SMBF47CA
P6SMBF51C
P6SMBF51CA
P6SMBF56C
5.5
5.8
6.05
6.4
6.63
7.02
7.37
7.78
8.1
8.55
8.92
9.4
9.72
10.2
10.5
11.1
12.1
12.8
12.9
13.6
14.5
15.3
16.2
17.1
17.8
18.8
19.4
20.5
21.8
23.1
24.3
25.6
26.8
28.2
29.1
30.8
31.6
33.3
34.8
36.8
38.1
40.2
41.3
43.6
45.6
6.12
6.45
6.75
7.13
7.38
7.79
8.19
8.65
9
9.5
9.9
10.5
10.8
11.4
11.7
12.4
13.5
14.3
14.4
15.2
16.2
17.1
18
19
19.8
20.9
21.6
22.8
24.3
25.7
27
28.5
29.7
31.4
32.4
34.2
35.1
37.1
38.7
40.9
42.3
44.7
45.9
48.5
50.4
7.48
7.14
8.25
7.88
9.02
8.61
10
9.5
11
10.5
12.1
11.6
13.2
12.6
14.3
13.7
16.5
15.8
17.6
16.8
19.8
18.9
22
21
24.2
23.1
26.4
25.2
29.7
28.4
33
31.5
36.3
34.7
39.6
37.8
42.9
41
47.3
45.2
51.7
49.4
56.1
53.6
61.6
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1000
1000
500
500
200
200
50
50
10
10
5
5
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2000
2000
1000
1000
400
400
100
100
20
20
10
10
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.8
10.5
11.7
11.3
12.5
12.1
13.8
13.4
15
14.5
16.2
15.6
17.3
16.7
19
18.2
22
21.2
23.5
22.5
26.5
25.2
29.1
27.7
31.9
30.6
34.7
33.2
39.1
37.5
43.5
41.4
47.7
45.7
52
49.9
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
56
57
51
53
48
50
44
45
40
41
37
38
35
36
32
33
27
28
26
27
23
24
21
22
19
20
17
18
15
16
14
14.4
12.6
13.2
11.6
12
10.6
11.2
9.6
10.1
8.9
9.3
8.2
8.6
7.4
6.8
6.8A
7.5
7.5A
8.2
8.2A
9.1
9.1A
10
10A
11
11A
12
12A
13
13A
15
15A
16
16A
18
18A
20
20A
22
22A
24
24A
27
27A
30
30A
33
33A
36
36A
39
39A
43
43A
47
47A
51
51A
56
6.8C
6.8CA
7.5C
7.5CA
8.2C
8.2CA
9.1C
9.1CA
10C
10CA
11C
11CA
12C
12CA
13C
13CA
15C
15CA
16C
16CA
18C
18CA
20C
20CA
22C
22CA
24C
24CA
27C
27CA
30C
30CA
33C
33CA
36C
36CA
39C
39CA
43C
43CA
47C
47CA
51C
51CA
56C
P6SMB56A
P6SMB56CA
47.8
53.2
58.8
77
7.8
56A
56CA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com