Electronic Components Datasheet Search
  English  ▼

X  

TP0604N3G Datasheet(PDF) 4 Page - Microchip Technology

Part # TP0604N3G
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP0604N3G Datasheet(HTML) 4 Page - Microchip Technology

  TP0604N3G Datasheet HTML 1Page - Microchip Technology TP0604N3G Datasheet HTML 2Page - Microchip Technology TP0604N3G Datasheet HTML 3Page - Microchip Technology TP0604N3G Datasheet HTML 4Page - Microchip Technology TP0604N3G Datasheet HTML 5Page - Microchip Technology TP0604N3G Datasheet HTML 6Page - Microchip Technology TP0604N3G Datasheet HTML 7Page - Microchip Technology TP0604N3G Datasheet HTML 8Page - Microchip Technology TP0604N3G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TP0604
DS20005956A-page 4
2019 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
OutputCharacteristics.
FIGURE 2-2:
Transconductance vs. Drain
Current.
FIGURE 2-3:
Maximum Rated Safe
Operating Area.
FIGURE 2-4:
Saturation Characteristics.
FIGURE 2-5:
Power Dissipation vs. Case
Temperature.
FIGURE 2-6:
Thermal Response
Characteristics.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
-5
-4
-3
-2
-1
0
0
-10
-20
-30
-40
V
DS (volts)
-6V
-8V
-4V
V
GS = -10V
-5V
-7V
-9V
T
A = -55
OC
I
D (amperes)
V
DS = -25V
T
A = -150
OC
T
A = 25
OC
1.0
0.8
0.6
0.4
0.2
0
0
-1.0
-2.0
-3.0
-1
-10
-100
-1000
-0.1
-1.0
-10
-0.01
T
C = 25
OC
TO-92 (DC)
V
DS (volts)
0
-2.0
-4.0
-6.0
-8.0
-10
-5
-4
-3
-2
-1
0
-6V
-8V
-4V
V
DS (volts)
V
GS = -10V
-5V
-7V
-9V
0
150
100
50
2.0
1.0
125
75
25
0
TO-92
T
C (
OC)
1.0
0.8
0.6
0.4
0.2
0.001
0.01
0.1
1.0
10
0
t
p (seconds)
TO-92
P
D = 1.0W
T
C = 25
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com