Electronic Components Datasheet Search
  English  ▼

X  

TP0604N3G Datasheet(PDF) 1 Page - Microchip Technology

Part # TP0604N3G
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP0604N3G Datasheet(HTML) 1 Page - Microchip Technology

  TP0604N3G Datasheet HTML 1Page - Microchip Technology TP0604N3G Datasheet HTML 2Page - Microchip Technology TP0604N3G Datasheet HTML 3Page - Microchip Technology TP0604N3G Datasheet HTML 4Page - Microchip Technology TP0604N3G Datasheet HTML 5Page - Microchip Technology TP0604N3G Datasheet HTML 6Page - Microchip Technology TP0604N3G Datasheet HTML 7Page - Microchip Technology TP0604N3G Datasheet HTML 8Page - Microchip Technology TP0604N3G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2019 Microchip Technology Inc.
DS20005956A-page 1
TP0604
Features
• –2.4V Maximum Low Threshold
• High Input Impedance
• Low Input Capacitance (95 pF)
• Fast Switching Speeds
• Low On-Resistance
• Free from Secondary Breakdown
• Low Input and Output Leakage
Applications
• Logic-Level Interfaces (Ideal for TTL and CMOS)
• Solid-State Relays
• Battery-Operated Systems
• Photovoltaic Drives
• Analog Switches
• General Purpose Line Drivers
• Telecommunication Switches
General Description
The TP0604 low-threshold, Enhancement-mode
(normally-off) transistor uses a vertical DMOS structure
and a well-proven silicon-gate manufacturing process.
This combination produces a device with the power
handling capabilities of bipolar transistors and the high
input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS
structures, this device is free from thermal runaway and
thermally induced secondary breakdown.
Microchip’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications
where very low threshold voltage, high breakdown
voltage, high input impedance, low input capacitance
and fast switching speeds are desired.
Package Type
See Table 3-1 for pin information.
3-lead TO-92
(Top view)
GATE
SOURCE
DRAIN
P-Channel Enhancement-Mode Vertical DMOS FET


Similar Part No. - TP0604N3G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0604N3 SUTEX-TP0604N3 Datasheet
480Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP0604N3-G SUTEX-TP0604N3-G Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
TP0604N3-GP002 SUTEX-TP0604N3-GP002 Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
TP0604N3-GP003 SUTEX-TP0604N3-GP003 Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
TP0604N3-GP005 SUTEX-TP0604N3-GP005 Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP0604N3G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com