Electronic Components Datasheet Search
  English  ▼

X  

PD26A Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PD26A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD26A Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PD26A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD26A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD26A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
Power Divider
SJM PREWELL
PD26A
Products and product information are subject to change without notice. Version 0.6
1800
2000
2200
2400
2600
2800
3000
-5
-4
-3
-2
-1
0
25℃
Frequency (MHz)
Insertion Loss
1800
2000
2200
2400
2600
2800
3000
-30
-24
-18
-12
-6
0
25℃
Frequency (MHz)
Input Return Loss
1800
2000
2200
2400
2600
2800
3000
-30
-25
-20
-15
-10
-5
25℃
Frequency (MHz)
Isoloation
Parameters
Units
Frequency(MHz)
1800
2300
2600
3000
InsertionLoss
dB
0.79
0.79
0.84
1.07
Isolation
dB
-14.0
-22.1
-22.1
-16.0
InputReturnLoss
dB
-18
-22
-18
-12
OutputReturnLoss
dB
-14
-17
-22
-24
Amplitude Balance
dB
0.01
0.02
0.01
0.02
PhaseBalance
deg
0.33
0.26
0.43
0.75
Typical RF Performance
1800
2000
2200
2400
2600
2800
3000
-50
-40
-30
-20
-10
0
25℃
Frequency (MHz)
Output Return Loss
Input Return Loss
Output Return Loss
Insertion Loss
Isolation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com