Electronic Components Datasheet Search
  English  ▼

X  

PD26A Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PD26A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD26A Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PD26A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD26A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD26A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
1
Power Divider
SJM PREWELL
PD26A
Products and product information are subject to change without notice. Version 0.6
Specifications
Parameter
Units
Frequency (MHz)
1800
2300
2600
3000
InsertionLoss
dB
0.79
0.79
0.84
1.07
Isolation
dB
-14.0
-22.1
-22.1
-16.0
InputReturnLoss
dB
-18
-22
-18
-12
OutputReturnLoss
dB
-14
-17
-22
-24
Amplitude Balance
dB
0.01
0.02
0.01
0.02
PhaseBalance
Deg.
0.33
0.26
0.43
0.75
Features
•
1800to3000 MHz
•
Insertion loss 0.79dB@2300MHz
•
Isolation -22dB@2300MHz
•
Lead-free/Green/
compliant SOT-26Package
Applications
Functional Diagram
•
Base station /Repeater/Mobile
/Automotive /Military
FDD-LTE,TD-LTE,TDS-CDMA,
CDMA,WCDMA,WiMAX,PCS,GSM,
GPS,GPRS,TETRA
•
IoT/Broadcasting /WLAN
FM,DMB,DVB,ISM
RF IN
GND
5
2,4,6
OUT1
OUT2
1
3
Description
The PD26A is a high performance Divider in a high quality SOT-26
package & surface-mounted package. The device features low
insertion loss and high isolation. The device has a good input/output
matching and exceptional amplitude/phase balance. The product is
targeted for using as wireless infrastructure applications. All devices
are100% RFand DCtested.
Absolute Maximum Ratings
Parameter
Rating
Unit
RFPowerInput
30
dBm
StorageTemperature
-55to150
°C
AmbientOperatingTemperature
-40to85
°C
1) Stressesabove the maximum values listed have may cause permanent damage to the device.
1) TestConditions :T=25°C, 50ohmSystem, InsertionLossisless3dBsplit.
3
6
1
4
2
5


Similar Part No. - PD26A

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
101Kb / 5P
AC Solid State Relays
logo
IXYS Corporation
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
logo
Littelfuse
PD2601 LITTELFUSE-PD2601 Datasheet
163Kb / 5P
AC Solid State Relays
11/18/2025
logo
Clare, Inc.
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
More results

Similar Description - PD26A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
Power Divider
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
Power Divider
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
Power divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com