Electronic Components Datasheet Search
  English  ▼

X  

MPS2222A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPS2222A
Description  General Purpose Transistors(NPN Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2222A Datasheet(HTML) 3 Page - ON Semiconductor

  MPS2222A Datasheet HTML 1Page - ON Semiconductor MPS2222A Datasheet HTML 2Page - ON Semiconductor MPS2222A Datasheet HTML 3Page - ON Semiconductor MPS2222A Datasheet HTML 4Page - ON Semiconductor MPS2222A Datasheet HTML 5Page - ON Semiconductor MPS2222A Datasheet HTML 6Page - ON Semiconductor MPS2222A Datasheet HTML 7Page - ON Semiconductor MPS2222A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPS2222, MPS2222A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product (Note 2.)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
MPS2222
MPS2222A
fT
250
300
–
–
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
–
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS2222
MPS2222A
Cibo
–
–
30
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hie
2.0
0.25
8.0
1.25
k
Ω
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hre
–
–
8.0
4.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hfe
50
75
300
375
–
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hoe
5.0
25
35
200
mmhos
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MPS2222A
rb
′Cc
–
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
MPS2222A
NF
–
4.0
dB
SWITCHING CHARACTERISTICS
MPS2222A only
Delay Time
(VCC = 30 Vdc, VBE(off) = –0.5 Vdc,
td
–
10
ns
Rise Time
(VCC 30 Vdc, VBE(off)
0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc) (Figure 1)
tr
–
25
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
ts
–
225
ns
Fall Time
(VCC 30 Vdc, IC 150 mAdc,
IB1 = IB2 = 15 mAdc) (Figure 2)
tf
–
60
ns
2. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
-2 V
< 2 ns
0
1.0 to 100 µs,
DUTY CYCLE ≈ 2.0%
1 kΩ
+30 V
200
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100 µs,
DUTY CYCLE ≈ 2.0%
1 k
+30 V
200
CS* < 10 pF
-4 V
1N914



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com