Electronic Components Datasheet Search
  English  ▼

X  

MPS2222A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPS2222A
Description  General Purpose Transistors(NPN Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2222A Datasheet(HTML) 5 Page - ON Semiconductor

  MPS2222A Datasheet HTML 1Page - ON Semiconductor MPS2222A Datasheet HTML 2Page - ON Semiconductor MPS2222A Datasheet HTML 3Page - ON Semiconductor MPS2222A Datasheet HTML 4Page - ON Semiconductor MPS2222A Datasheet HTML 5Page - ON Semiconductor MPS2222A Datasheet HTML 6Page - ON Semiconductor MPS2222A Datasheet HTML 7Page - ON Semiconductor MPS2222A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPS2222, MPS2222A
http://onsemi.com
5
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70 100
5.0 7.0
30
50
200 300 500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t′s = ts - 1/8 tf
tf
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10 20
50
0.2
0.5
0
100
0.01 0.02 0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 Ω
500 µA, RS = 200 Ω
100 µA, RS = 2.0 kΩ
50 µA, RS = 4.0 kΩ
f = 1.0 kHz
IC = 50 µA
100 µA
500 µA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50 100 200
500 1.0 k 2.0 k 5.0 k 10 k 20 k
50 k 100 k
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current–Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
VCE = 20 V
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com