Electronic Components Datasheet Search
  English  ▼

X  

PH435 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PH435
Description  High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PH435 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PH435 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PH435
High Linearity InGaP HBT Amplifier
http://www.prewell.com
April 2014
2
Frequency
1900 MHz
S21 : Gain
17.0 dB
S11 : Input Return Loss
-19 dB
S22 : Output Return Loss
-19 dB
Output P1dB
+25.5 dBm
Output IP3 @7dBm
+42 dBm
IS-95A Ch. Power
@ -45dBc ACPR
+19.0 dBm
Noise Figure
3.1 dB
Supply Voltage
5 V
Current
152 mA
1900 MHz Application Circuit
1800
1850
1900
1950
2000
-30
-24
-18
-12
-6
0
Output Return Loss
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1800
1850
1900
1950
2000
-25
-20
-15
-10
-5
0
Input Return Loss
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1800
1850
1900
1950
2000
12
14
16
18
20
22
Gain vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1800
1850
1900
1950
2000
20
22
24
26
28
30
32
P1dB vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1800
1850
1900
1950
2000
2050
2100
30
35
40
45
50
+7dBm/tone, +25
o
C
Output IP3 vs. Frequency
Frequency(MHz)
+25
o
C
-40
o
C
+85
o
C
1800
1850
1900
1950
2000
0
1
2
3
4
5
6
Noise Figure vs. Frequency
Frequency(MHz)
+25
o
C
-40
-20
0
20
40
60
80
36
38
40
42
44
46
Freq=1900MHz, +7dBm/tone
OIP3 vs. Temperature
Temperature(
o
C)
10
12
14
16
18
20
22
-70
-65
-60
-55
-50
-45
-40
IS-95, 9 Ch. Forward, 30 kHz Meas BW, 885 kHz offset
ACPR IS-95A vs. Channel Power
ACPR IS-95 vs. Channel Power
Output Channel Power(dBm)
freq=1.9GHz
RF IN
RF OUT
1.5pF
20pF
22nH
20pF
1uF
5V
2.0pF
1.0pF
50Ω/6mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com