Electronic Components Datasheet Search
  English  ▼

X  

PH435 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PH435
Description  High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PH435 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PH435 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PH435 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PH435
High Linearity InGaP HBT Amplifier
http://www.prewell.com
April 2014
1
4
1
2
3
Features
1500MHz - 3000MHz
14.8 dB Gain at 2.3GHz
+25 dBm P1dB
+42 dBm Output IP3
Single Voltage Supply
Lead-free / Green / RoHS-
compliant SOT-89 Package
Applications
Mobile Infrastructure
PCS, WCDMA, WiBro
W-LAN / ISM
RFID / Fixed Wireless
Functional Diagram
Function
Pin No.
RF IN
1
RF OUT / Bias
3
Ground
2,4
The PH435 is a high performance InGaP HBT MMIC Amplifier and high linearity driver amplifier in a high quality
SOT-89 package. The device features excellent Input and output return loss, highly linear performance. The
device can be easily matched to obtain optimum power and linearity. The product is targeted for use as driver
amplifier for wireless infrastructure applications. The PH435 operates from a single +5 voltage supply and have
an internal active bias. All devices are 100% RF and DC tested
Description
Specifications
Symbol
Parameters
Units
Freq.
Min.
Typ.
Max.
S21
Gain
dB
1900 MHz
2140 MHz
2300 MHz
2600 MHz
16.8
15.1
14.8
13.0
S11
Input Return Loss
dB
1900 MHz
2140 MHz
2300 MHz
2600 MHz
-17
-17
-14
-11
S22
Output Return Loss
dB
1900 MHz
2140 MHz
2300 MHz
2600 MHz
-17
-14
-14
-11
P1dB
Output Power @1dB
compression
dBm
1900 MHz
2140 MHz
2300 MHz
2600 MHz
25.5
25.5
25.5
26.0
OIP3
Output Third Order intercept
dBm
1900 MHz
2140 MHz
2300 MHz
2600 MHz
42.0
42.0
42.5
39.5
NF
Noise Figure
dB
1900 MHz
2140 MHz
2300 MHz
2600 MHz
3.1
3.0
3.2
3.9
V / I
Device voltage / current
V/mA
5/152
Rth
Thermal Resistance
°C/W
34
Test Conditions : T=25°C, Supply Voltage=+5V, 50ohm System, OIP3 measured with two tones at an output power of +7dBm/tone separated by 1MHz.


Similar Part No. - PH435

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH4330L NXP-PH4330L Datasheet
187Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 01-22 October 2008
More results

Similar Description - PH435

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH230 SJM-PH230 Datasheet
403Kb / 5P
High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
High Linearity InGaP HBT Amplifier
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com