Electronic Components Datasheet Search
  English  ▼

X  

MPS2907 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS2907
Description  General Purpose Transistors(PNP Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2907 Datasheet(HTML) 2 Page - ON Semiconductor

  MPS2907 Datasheet HTML 1Page - ON Semiconductor MPS2907 Datasheet HTML 2Page - ON Semiconductor MPS2907 Datasheet HTML 3Page - ON Semiconductor MPS2907 Datasheet HTML 4Page - ON Semiconductor MPS2907 Datasheet HTML 5Page - ON Semiconductor MPS2907 Datasheet HTML 6Page - ON Semiconductor MPS2907 Datasheet HTML 7Page - ON Semiconductor MPS2907 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS2907A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (Note 1.)
(IC = –10 mAdc, IB = 0)
V(BR)CEO
–60
–
Vdc
Collector–Base Breakdown Voltage
(IC = –10 mAdc, IE = 0)
V(BR)CBO
–60
–
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
–
Vdc
Collector Cutoff Current
(VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
ICEX
–
–50
nAdc
Collector Cutoff Current
(VCB = –50 Vdc, IE = 0)
(VCB = –50 Vdc, IE = 0, TA = 150°C)
ICBO
–
–
–0.01
–10
µAdc
Base Current
(VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
IB
–
–50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = –0.1 mAdc, VCE = –10 Vdc)
(IC = –1.0 mAdc, VCE = –10 Vdc)
(IC = –10 mAdc, VCE = –10 Vdc)
(IC = –150 mAdc, VCE = –10 Vdc) (Note 1.)
(IC = –500 mAdc, VCE = –10 Vdc) (Note 1.)
hFE
75
100
100
100
50
–
–
–
300
–
–
Collector–Emitter Saturation Voltage (Note 1.)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
–
–
–0.4
–1.6
Vdc
Base–Emitter Saturation Voltage (Note 1.)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VBE(sat)
–
–
–1.3
–2.6
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product (Notes 1. and 2.),
(IC = –50 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
200
–
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
–
8.0
pF
Input Capacitance
(VEB = –2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
–
30
pF
SWITCHING CHARACTERISTICS
Turn–On Time
(VCC = –30 Vdc, IC = –150 mAdc,
I
15
Ad ) (Fi
1
d 5)
ton
–
45
ns
Delay Time
CC
C
IB1 = –15 mAdc) (Figures 1 and 5)
td
–
10
ns
Rise Time
tr
–
40
ns
Turn–Off Time
(VCC = –6.0 Vdc, IC = –150 mAdc,
I
I
15
Ad ) (Fi
2)
toff
–
100
ns
Storage Time
CC
C
IB1 = IB2 = 15 mAdc) (Figure 2)
ts
–
80
ns
Fall Time
tf
–
30
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com