Electronic Components Datasheet Search
  English  ▼

X  

MPS2907 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPS2907
Description  General Purpose Transistors(PNP Silicon)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS2907 Datasheet(HTML) 4 Page - ON Semiconductor

  MPS2907 Datasheet HTML 1Page - ON Semiconductor MPS2907 Datasheet HTML 2Page - ON Semiconductor MPS2907 Datasheet HTML 3Page - ON Semiconductor MPS2907 Datasheet HTML 4Page - ON Semiconductor MPS2907 Datasheet HTML 5Page - ON Semiconductor MPS2907 Datasheet HTML 6Page - ON Semiconductor MPS2907 Datasheet HTML 7Page - ON Semiconductor MPS2907 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPS2907A
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT
300
-5.0
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
-5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300 -500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = -30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300 -500
200
tf
t′s = ts - 1/8 tf
VCC = -30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
TYPICAL SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
10
0.01
Figure 8. Source Resistance Effects
Rs, SOURCE RESISTANCE (OHMS)
f = 1.0 kHz
IC = -50 µA
-100 µA
-500 µA
-1.0 mA
Rs = OPTIMUM SOURCE RESISTANCE
8.0
6.0
4.0
2.0
0
0.02 0.05 0.1 0.2
0.5 1.0 2.0
5.0 10 20
50 100
10
8.0
6.0
4.0
2.0
0
50 100 200
500 1.0 k 2.0 k
5.0 k 10 k 20 k
50 k
IC = -1.0 mA, Rs = 430 Ω
-500 µA, Rs = 560 Ω
-50 µA, Rs = 2.7 kΩ
-100 µA, Rs = 1.6 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com