Electronic Components Datasheet Search
  English  ▼

X  

115L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 115L
Description  Precision Linear Transducers, Conductive Plastic (REC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

115L Datasheet(HTML) 1 Page - Vishay Siliconix

  115L Datasheet HTML 1Page - Vishay Siliconix 115L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
115 L
Vishay Sfernice
Document Number: 34013
Revision 14-Dec-01
www.vishay.com
33
For technical questions, contact sfer@vishay.com
Precision Linear Transducers, Conductive Plastic (REC)
FEATURES
• Measurement Range 25mm to 1000mm
• High Accuracy ± 1% down to ± 0.025%
• Excellent Repeatability
• Long Life
• Essentially Infinite Resolution
• Not Sensitive to Temperature Variations
MECHANICAL SPECIFICATIONS
PERFORMANCE
ELECTRICAL SPECIFICATIONS
The 115 L is a simply mounted, robust, high precision
industrial linear motion transducer.
Mechanical travel
E + 8 ± 2mm
Housing
anodized aluminum
Operating force
7.5N typical
Shaft (free rotation)
stainless steel
Termination
hydraulic type connector
DIN 43650
Wiper
precious metal multifinger
Mounting
movable brackets
Operating life
40 million cycles typical
Temperature range
- 55°C +125°C
Sine vibration on 3 axes
1.5mm peak to peak 0 - 10Hz
15g - 10Hz - 2000Hz
Mechanical shocks on 3 axes
50g - 11ms - half sine
Theoretical electrical travel (TET = E)
From 25mm to 1000mm in increments of 25mm
Independent linearity (over TET)
≤ ± 1% - ≤ - ± 0.1%
on request
≤ ± 0.05% for E ≥ 100mm, ≤ ± 0.025% for E ≥ 200mm
Actual electrical travel (AET)
AET = TET + 1.5mm min.
Ohmic values (RT)
400Ω/cm to 2kΩ/cm
Resistance tolerance at 20°C
± 20%
Repeatability
≤ ± 0.01%
Maximum power rating
0.05W/cm at 70°C, 0W at 125°C
Wiper current
recommended: a few µA - 1mA max. continuous
Load resistance
minimum 103 x RT
Insulation resistance
≥ 1000MΩ 500VDC
Dielectric strength
≥ 1000VRMS 50Hz
Protection resistor
Integrated inside the transducer to protect against errors when setting up (short circuit)


Similar Part No. - 115L

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L Datasheet
102Kb / 4P
Precision Linear Transducers, Conductive Plastic (REC)
20-Nov-02
16LH VISHAY-16LH Datasheet
146Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
08-Jan-04
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com