Electronic Components Datasheet Search
  English  ▼

X  

115L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 115L
Description  Precision Linear Transducers, Conductive Plastic (REC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

115L Datasheet(HTML) 2 Page - Vishay Siliconix

  115L Datasheet HTML 1Page - Vishay Siliconix 115L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
115 L
Vishay Sfernice
Document Number: 34013
Revision 14-Dec-01
www.vishay.com
34
For technical questions, contact sfer@vishay.com
SERIES
REC
MODEL
115
NUMBER
OF TRACKS
L
L= 1
LINEARITY
103
A: ± 1%
D: ± 0.1%
E: ± 0.05%
F: ± 0.025%
OHMIC
VALUE
MODIFICATIONS
W...
Special feature
code number
THEORETICAL
ELECTRICAL TRAVEL
23
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
D
Times 25 mm
ORDERING INFORMATION
DIMENSIONS
in millimeters, general tolerance ± 1mm
Precision Linear Transducers, Conductive Plastic (REC)
25.4
L max. = TET + 75
36 max.
A
A
48 max
15
M6
18.9
31.7
34.75
31.7
43
63
13.1
18.9
1
2
3
TET
AET
MT
Pin 3: +
Pin 2: Wiper
Pin 1: -
41 max.
8 max.
Angular clearance
±15°
Radial clearance in
X and Y: ± 1.2mm
VIEW A-A
TET = Theoretical electrical travel
AET = Actual electrical travel
MT = Mechanical travel
2) SPECIAL BALL JOINT ON SHAFT
Vishay’s reference: 323655
2 x 4.2
ACCESSORIES ON REQUEST DIMENSIONS
in millimeters, general tolerance ± 1mm
1) FEMALE CONNECTOR
Vishay’s Reference: 3248610
Clearance 3
Y
X
4
ELECTRICAL CONNECTIONS
4. Ground



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com