Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TL431
Description  Adjustable Accurate Reference Source
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TL431 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TL431 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TL431 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TL431 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TL431 SOT-23
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Features
The output voltage can be adjusted to 36V
Low dynamic output impedance, its typical value is 0.2
Trapping current capability is 1 to 100mA
The typical value of the equivalent temperature factor in the
whole temperature scope is 50 ppm/
The effective temperature compensation in the working
range of full temperature
Low output noise voltage
Fast on-state response
Electrical Characteristics (Ta = 25 unless otherwise specified)
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
t
u
p
n
I
e
c
n
e
r
e
f
e
R
REF
VKA = VREF , IKA = 10mA
2.45
2.5
2.55
V
V
e
g
a
tl
o
V
t
u
p
n
I
e
c
n
e
r
e
f
e
R
f
o
n
o
it
a
i
v
e
D
KA
= VREF , IKA = 10mA
Over Temperature
(*)
Tmin
Ta
Tmax
Ratio of Change in Reference Input Voltage
IKA = 10mA , VKA = 10V
VREF
-1.0
-2.7 mV/V
to the Change in Cathode Voltage
IKA = 10mA , VKA = 36V
10V
-0.5
-2.0 mV/V
I
t
n
e
rr
u
C
t
u
p
n
I
e
c
n
e
r
e
f
e
R
REF
IKA = 10mA , R1 = 10K , R2 =
1.5
4
A
Deviation of Reference Input Current
IKA = 10mA , R1 = 10K , R2 =
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
ll
u
F
r
e
v
O
A
= Full Temperature
Minimum Cathode Current for Regulation
IKA(min)
VKA = VREF
0.45
1.0
mA
I
t
n
e
rr
u
C
e
d
o
h
t
a
C
e
t
a
t
s
-f
f
O
KA(OFF)
VKA = 36V, VREF
0
.
1
5
0
.
0
0
=
A
Z
e
c
n
a
d
e
p
m
I
c
i
m
a
n
y
D
KA
VKA = VREF, IKA = 1 to 100mA,
f
1.0KHz
0.15
0.5
* TMIN = 0 , TMAX = +70
mV
0.4
1.2
A
VREF/ T
VREF/ VKA
IREF/ T
4.5
17
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified)
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
d
o
h
t
a
C
KA
37
V
Cathode Current Range (Continuous)
IKA
-100
+150
mA
I
e
g
n
a
R
t
n
e
rr
u
C
t
u
p
n
I
e
c
n
e
r
e
f
e
R
REF
0.05
+10
mA
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
350
mW
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
OPR
0
70
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65
+150
Classification Of VREF
Rank
0.3﹪
0.5﹪
1﹪
2﹪
Rangfe
2.493~2.508
2.487~2.512
2.475~2.525
2.450~2.550
Adjustable Accurate Reference Source
1
2
3
■
Simplified outline(SOT-23)
1.Reference
2.Cathode
3.Anode


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
ADJUSTABLE ACCURATE REFERENCE SOURCE
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com