Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TL431
Description  Adjustable Accurate Reference Source
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TL431 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TL431 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TL431 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TL431 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TL431 SOT-23
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Typical Characteristics
3
2
1
0
-1
-2
125
100
75
50
25
0
-25
-50
-75
-100
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
-1
0
1
2
3
-200
0
200
400
800
600
V = V
T = 25
KA
REF
A
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
V = V
T = 25
KA
REF
A
I (MIN)
KA
0
5
10
15
20
25
30
35
40
0
-5
-15
-10
-20
-25
-30
-35
-40
Cathode Voltage (V)
Change in Reference Input Voltage vs.
Cathode Voltage
I = 10mA
T = 25
KA
A
1K
10K
100K
1M
10M
100
70
40
20
10
7
4
2
1
0.7
0.4
0.2
0.1
Frequency (Hz)
Dynamic Impedance Frequency
T = 25
I = 1mA to 100mA
A
KA
70
60
50
40
30
20
10
-10
0
1K
Small Signal Voltage Amplification
vs. Frequency
10K
Frequency (Hz)
100K
1M
10M
I = 10mA
T = 25
KA
A
6
8
3
4
2
1
0
0
1
2
3
4
5
6
7
Time ( s)
Pulse Response
T = 25
A
INPUT
OUTPUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com