Electronic Components Datasheet Search
  English  ▼

X  

DG2003 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2003
Description  Low-Voltage Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2003 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2003 Datasheet HTML 1Page - Vishay Siliconix DG2003 Datasheet HTML 2Page - Vishay Siliconix DG2003 Datasheet HTML 3Page - Vishay Siliconix DG2003 Datasheet HTML 4Page - Vishay Siliconix DG2003 Datasheet HTML 5Page - Vishay Siliconix DG2003 Datasheet HTML 6Page - Vishay Siliconix DG2003 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DG2003/2004/2005
Vishay Siliconix
New Product
Document Number: 71754
S-05298—Rev. B, 17-Dec-01
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10 m
–60
–40
–20
0
20
40
60
80
100
1000
1
100
–60
–40
–20
0
20
40
60
80
100
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
10 K
1 M
10 M
100 K
1 K
100
10
10
1
0.01
Supply Current vs. Temperature
Temperature (
_C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
012345
0
1
2
3
4
5
6
7
8
012345
–200
–150
–100
–50
0
50
100
150
200
012345
Leakage Current vs. Temperature
Leakage vs. Analog Voltage
VCOM, VNO, VNC – Analog Voltage
rON vs. VCOM Supply Voltage
VCOM – Analog Voltage (V)
V+ = 2 V/IS = 1 mA
V+ = 3 V/IS = 100 mA
V+ = 5 V/IS = 100 mA
rON vs. Analog Voltage and Temperature
VCOM – Analog Voltage (V)
V+ = 3 V
–40
_C
25
_C
0
_C
0.1
V+ = 5 V
VIN = 0 V
Temperature (
_C)
10000
V+ = 5 V
10
INO(off)/INC(off)
ICOM(on)
ICOM(off)
V+ = 5 V
T = 25
_C
INO(off)/INC(off)
ICOM(on)
ICOM(off)
1 n
1 m
100
m
10
m
1
m
10 n
100 n
85
_C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com