Electronic Components Datasheet Search
  English  ▼

X  

DG2003 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2003
Description  Low-Voltage Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2003 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2003 Datasheet HTML 1Page - Vishay Siliconix DG2003 Datasheet HTML 2Page - Vishay Siliconix DG2003 Datasheet HTML 3Page - Vishay Siliconix DG2003 Datasheet HTML 4Page - Vishay Siliconix DG2003 Datasheet HTML 5Page - Vishay Siliconix DG2003 Datasheet HTML 6Page - Vishay Siliconix DG2003 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DG2003/2004/2005
Vishay Siliconix
New Product
Document Number: 71754
S-05298—Rev. B, 17-Dec-01
www.vishay.com
1
Low-Voltage Dual SPST Analog Switch
FEATURES
D Low Voltage Operation (1.8 V to 5.5 V)
D Low On-Resistance - rDS(on): 1.2 W
D Fast Switching - 14 ns
D Low Charge Injection - QINJ: 1 pC
D Low Power Consumption
D TTL/CMOS Compatible
D MSOP-8 Package
BENEFITS
D Reduced Power Consumption
D Simple Logic Interface
D High Accuracy
D Reduce Board Space
APPLICATIONS
D Cellular Phones
D Communication Systems
D Portable Test Equipment
D Battery Operated Systems
D Sample and Hold Circuits
DESCRIPTION
The DG2003/2004/2005 are dual single-pole/single-throw
monolithic
CMOS
analog
switch
designed
for
high
performance switching of analog signals. Combining low
power, fast switching, low on-resistance (rDS(on): 1.2 W) and
small physical size (MSOP-8), the DG2003/2004/2005 are
ideal for portable and battery powered applications requiring
high performance and efficient use of board space.
The DG2003/2004/2005 are built on Vishay Siliconix’s low
voltage JI2 process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
NO1
V+
COM1
DG2005
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
NC1
V+
COM1
DG2004
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
NO1
V+
COM1
DG2003
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE - DG2003
TRUTH TABLE - DG2004
TRUTH TABLE - DG2005
Logic
NO
Logic
NC
Logic
NO1
NC2
0
Off
0
On
0
Off
On
1
On
1
Off
1
On
Off
ORDERING INFORMATION
Temp Range
Package
Part Number
DG2003DQ
-40 to 85
°C
MSOP-8
DG2004DQ
DG2005DQ


Similar Part No. - DG2003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG2003DQ VISHAY-DG2003DQ Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results

Similar Description - DG2003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com