Electronic Components Datasheet Search
  English  ▼

X  

ATTPM20P Datasheet(PDF) 9 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology ATTPM20P Datasheet HTML 10Page - Microchip Technology ATTPM20P Datasheet HTML 11Page - Microchip Technology ATTPM20P Datasheet HTML 12Page - Microchip Technology ATTPM20P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
4.
TCG PC Client Platform TPM Profile (PTP) Specification Summary
The Microchip TPM SPI communications protocol is implemented in accordance with the TCG PC Client
Platform TPM Profile (PTP) Specification 1.3. A complete description of the protocol is contained in the
specification available at www.trustedcomputinggroup.org. Application development and platform system
design should be based on the TCG PTP specification.
Note:  The TPM_DID_VID_x register contains Device ID (DID) and Vendor ID (VID) information. The VID
register contents are assigned by the TCG Administration and contain the hex string 01 01 01 04. In the
ATTPM20P, the DID register contains the device ID information and is set to 03 02 00 06. The
ATTPM20P contains hardware and firmware revision information for the TPM in the TPM_RID_x register.
ATTPM20P
TCG PC Client Platform TPM Profile (PTP) Specifica...
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22