Electronic Components Datasheet Search
  English  ▼

X  

ATTPM20P Datasheet(PDF) 15 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 15 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 11Page - Microchip Technology ATTPM20P Datasheet HTML 12Page - Microchip Technology ATTPM20P Datasheet HTML 13Page - Microchip Technology ATTPM20P Datasheet HTML 14Page - Microchip Technology ATTPM20P Datasheet HTML 15Page - Microchip Technology ATTPM20P Datasheet HTML 16Page - Microchip Technology ATTPM20P Datasheet HTML 17Page - Microchip Technology ATTPM20P Datasheet HTML 18Page - Microchip Technology ATTPM20P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.40
1.60
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.30
NOM
12
8
C
Contact Pad Spacing
2.90
Contact Pad to Center Pad (X8)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
Microchip Technology Drawing C04-21355-Q4B Rev A
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy YNZ Package
X2
Y2
Y1
SILK SCREEN
X1
E
C
EV
G2
G1
ØV
Contact Pad to Contact Pad (X6)
G2
0.33
ATTPM20P
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com