Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AP044PR Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 81Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 82Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 83Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 84Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 85Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 86Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 87Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 88Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
SH79F166A
85
Table 8.25 Rxd引脚施密特电压控制寄存器
9FH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
RxCON
-
-
-
-
-
-
RxCON1
RxCON0
读/写
-
-
-
-
-
-
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
位编号
位符号
说明
1-0
RxCON[1:0]
Rxd引脚施密特电压控制寄存器
00:输入低电平为0.2VDD
01:输入低电平为0.4VDD
10:输入低电平为0.5VDD
11:普通IO
注意:RxCON寄存器仅当EUART使能时有效,输入低电平为25°C下测得,具体请参考电气特性。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com