Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AP044PR Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 89Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 90Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 91Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 92Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 93Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 96Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
SH79F166A
93
8.9 看门狗定时器(WDT),程序超范围溢出(OVL)复位及其它复位状态
8.9.1 特性
 看门狗可以工作在掉电模式下
 程序超范围溢出后硬件自动检测,并产生 OVL 复位
 看门狗溢出频率可选
程序超范围溢出复位
SH79F166A为进一步增强CPU运行可靠性,内建程式超范围溢出检测电路,一旦检测到程式计数器的值超出ROM最大值,
或者发现指令操作码(不检测操作数)为8051指令集中不存在的A5H,便认为程式跑飞,产生CPU复位信号,同时将WDOF标
志位置1。为应用这个特性,用户应该将未使用的Flash ROM用0xA5填满。
看门狗
看门狗定时器(WDT)是一个递减计数器,独立内建RC振荡器作为时钟源,因此可以通过代码选项在掉电模式下仍会持续
运行。当定时器溢出时,将芯片复位。通过代码选项可以打开或关闭该功能。
WDT控制位(第2 - 0位)用来选择不同的溢出时间。定时器溢出后,WDT溢出标志(WDOF)将由硬件自动置1。通过读
或写RSTSTAT寄存器,看门狗定时器在溢出前重新开始计数。
其它一些复位标志列举如下: